Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP25S-680RGA1 Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # WP25S-680RGA1
Description  Compact Flameproof Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WP25S-680RGA1 Datasheet(HTML) 4 Page - Welwyn Components Limited

  WP25S-680RGA1 Datasheet HTML 1Page - Welwyn Components Limited WP25S-680RGA1 Datasheet HTML 2Page - Welwyn Components Limited WP25S-680RGA1 Datasheet HTML 3Page - Welwyn Components Limited WP25S-680RGA1 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Compact Flameproof Power
Wirewound Resistors
WP-S Series
Welwyn Components
Example: WP2S at 680 ohms and 5% tolerance in ammo pack box of 2500 pieces -
Ordering Procedure
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue E · 07.06
Type
WP2S
680R
J
A25
Value (use IEC 62 code)
Tolerance (use IEC 62 code)
Packing
F
1%
G
2%
J
5%
A5
WP1S
5000/box
A25
WP2S
2500/box
A15
Ammo
WP25S
1500/box
A1
WP3S
1000/box
Standard
A1
WP4S
1000/box
T07
Tape
WP5S
700/reel
WP7S
700/reel
T07
5
Tape


Similar Part No. - WP25S-680RGA1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP2523SURC KINGBRIGHT-WP2523SURC Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP HYPER RED
WP2523SURC-E KINGBRIGHT-WP2523SURC-E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
WP2523SURC/E KINGBRIGHT-WP2523SURC/E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Pentair plc. All rights...
WP25BB20P PENTAIR-WP25BB20P Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WP25BB97P PENTAIR-WP25BB97P Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results

Similar Description - WP25S-680RGA1

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
   FLAMEPROOF WIREWOUND RESISTORS
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
   Flameproof Power Oxide Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
   Flameproof Power Metal Film Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com