Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C164 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C164
Description  16K x 4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C164 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C164 Datasheet HTML 1Page - Cypress Semiconductor CY7C164 Datasheet HTML 2Page - Cypress Semiconductor CY7C164 Datasheet HTML 3Page - Cypress Semiconductor CY7C164 Datasheet HTML 4Page - Cypress Semiconductor CY7C164 Datasheet HTML 5Page - Cypress Semiconductor CY7C164 Datasheet HTML 6Page - Cypress Semiconductor CY7C164 Datasheet HTML 7Page - Cypress Semiconductor CY7C164 Datasheet HTML 8Page - Cypress Semiconductor CY7C164 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. *A
Page 4 of 9
Switching Waveforms
Read Cycle No. 1[8,9]
Read Cycle No. 2[8,10]
Notes:
8. WE is HIGH for read cycle.
9. Device is continuously selected, CE = VIL. (CY7C166: OE = VIL also).
10. Address valid prior to or coincident with CE transition LOW.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
C164–7
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
7C166
CE
HIGH
V CC
SUPPLY
CURRENT
C164–8
[+] Feedback
[+] Feedback


Similar Part No. - CY7C164

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164-15PC CYPRESS-CY7C164-15PC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164-15VC CYPRESS-CY7C164-15VC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164-20PC CYPRESS-CY7C164-20PC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164-20VC CYPRESS-CY7C164-20VC Datasheet
171Kb / 9P
   16K x 4 Static RAM
More results

Similar Description - CY7C164

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com