Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6085 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6085
Description  Silicon Dual Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6085 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6085 Datasheet HTML 1Page - NTE Electronics NTE6085 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.185 (4.7)
.392
(9.95)
.269
(6.83)
Max
.6.08
(15.42)
Max
.500
(12.7)
Min
.147 (3.75) Dia Max
.100 (2.54)
.054 (1.38)
.018 (0.48)
.110 (2.79)
AK
A
K
.040
(1.02)
.245 (6.22)


Similar Part No. - NTE6085

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6080 NTE-NTE6080 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6081 NTE-NTE6081 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6082 NTE-NTE6082 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6083 NTE-NTE6083 Datasheet
19Kb / 2P
   Schottky Barrier Rectifier
NTE6084 NTE-NTE6084 Datasheet
20Kb / 2P
   Silicon Rectifier Schottky Barrier
More results

Similar Description - NTE6085

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6088 NTE-NTE6088 Datasheet
18Kb / 2P
   Silicon Dual Schottky Rectifier
NTE6086 NTE-NTE6086 Datasheet
18Kb / 2P
   Silicon Dual Schottky Rectifier
NTE6093 NTE-NTE6093 Datasheet
18Kb / 2P
   Silicon Rectifier Dual, Schottky Barrier
logo
Microsemi Corporation
MSICSE50120CC MICROSEMI-MSICSE50120CC Datasheet
64Kb / 2P
   SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSN05120CC MICROSEMI-MSICSN05120CC Datasheet
67Kb / 3P
   SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSN10120CC MICROSEMI-MSICSN10120CC Datasheet
69Kb / 3P
   SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSN10060CC MICROSEMI-MSICSN10060CC Datasheet
80Kb / 3P
   10A / 600V Silicon Carbide Dual Schottky Rectifier
logo
Seme LAB
1N6492-DA SEME-LAB-1N6492-DA Datasheet
103Kb / 3P
   DUAL SCHOTTKY RECTIFIER
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322S CENTRAL-CTLSH1-40M322S Datasheet
585Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com