Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C109D-10ZXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C109D-10ZXI
Description  1-Mbit (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109D-10ZXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C109D-10ZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C109D-10ZXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY7C109D
CY7C1009D
Document #: 38-05468 Rev. *E
Page 6 of 11
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for Data Retention
VCC = VDR = 2.0V,
CE1 > VCC – 0.3V or CE2 < 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
2.0
V
ICCDR
Data Retention Current
3mA
tCDR [4]
Chip Deselect to Data Retention Time
0
ns
tR [13]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled) [14, 15]
Read Cycle No. 2 (OE Controlled) [15, 16]
4.5V
4.5V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
OE
CE1
ADDRESS
CE2
DATA OUT
VCC
SUPPLY
CURRENT
HIGH
ICC
ISB
IMPEDANCE
Notes
13. Full device operation requires linear VCC ramp from VDR to VCC(min) > 50 µs or stable at VCC(min) > 50 µs.
14. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH.
15. WE is HIGH for read cycle.
16. Address valid prior to or coincident with CE1 transition LOW and CE2 transition HIGH.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C109D-10ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109D-10ZXI CYPRESS-CY7C109D-10ZXI Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
More results

Similar Description - CY7C109D-10ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com