Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C109BN Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C109BN
Description  128K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109BN Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C109BN Datasheet HTML 1Page - Cypress Semiconductor CY7C109BN Datasheet HTML 2Page - Cypress Semiconductor CY7C109BN Datasheet HTML 3Page - Cypress Semiconductor CY7C109BN Datasheet HTML 4Page - Cypress Semiconductor CY7C109BN Datasheet HTML 5Page - Cypress Semiconductor CY7C109BN Datasheet HTML 6Page - Cypress Semiconductor CY7C109BN Datasheet HTML 7Page - Cypress Semiconductor CY7C109BN Datasheet HTML 8Page - Cypress Semiconductor CY7C109BN Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
128K x 8 Static RAM
CY7C109BN
CY7C1009BN
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06430 Rev. **
Revised February 1, 2006
Features
•High speed
—tAA = 12 ns
• Low active power
— 495 mW (max. 12 ns)
• Low CMOS standby power
— 55 mW (max.) 4 mW
• 2.0V Data Retention
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE1, CE2, and OE options
Functional Description[1]
The
CY7C109BN/CY7C1009BN
is
a
high-performance
CMOS static RAM organized as 131,072 words by 8 bits. Easy
memory expansion is provided by an active LOW Chip Enable
(CE1), an active HIGH Chip Enable (CE2), an active LOW
Output Enable (OE), and three-state drivers. Writing to the
device is accomplished by taking Chip Enable One (CE1) and
Write Enable (WE) inputs LOW and Chip Enable Two (CE2)
input HIGH. Data on the eight I/O pins (I/O0 through I/O7) is
then written into the location specified on the address pins (A0
through A16).
Reading from the device is accomplished by taking Chip
Enable One (CE1) and Output Enable (OE) LOW while forcing
Write Enable (WE) and Chip Enable Two (CE2) HIGH. Under
these conditions, the contents of the memory location
specified by the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
The CY7C109BN is available in standard 400-mil-wide SOJ
and 32-pin TSOP type I packages. The CY7C1009BN is
available in a 300-mil-wide SOJ package. The CY7C1009BN
and CY7C109BN are functionally equivalent in all other
respects.
Note:
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE2
I/O1
I/O2
I/O3
512x256x8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE1
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
SOJ
12
13
29
32
31
30
16
15
17
18
GND
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
NC
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
[+] Feedback
[+] Feedback


Similar Part No. - CY7C109BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109BN-12VC CYPRESS-CY7C109BN-12VC Datasheet
444Kb / 9P
   128K x 8 Static RAM
CY7C109BN-12ZC CYPRESS-CY7C109BN-12ZC Datasheet
444Kb / 9P
   128K x 8 Static RAM
CY7C109BN-12ZXC CYPRESS-CY7C109BN-12ZXC Datasheet
444Kb / 9P
   128K x 8 Static RAM
CY7C109BN-15VC CYPRESS-CY7C109BN-15VC Datasheet
444Kb / 9P
   128K x 8 Static RAM
CY7C109BN-15VI CYPRESS-CY7C109BN-15VI Datasheet
444Kb / 9P
   128K x 8 Static RAM
More results

Similar Description - CY7C109BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com