Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1431 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1431
Description  Integrated Circuit Audio Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1431 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1431 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTE1431
Integrated Circuit
Audio Driver
Absolute Maximum Ratings: (TA = 25°C unless otherwise specified)
Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
550mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−25
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Charactersitics: (TA = 25°C, VCC = 6V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max
Unit
Supply Current
ICC
f = 1kHz, VIN = 0, ZL = 8kΩ
1.4
2.5
mA
Open Loop Voltage Gain
GVO
f = 1kHz, ZL = 8kΩ, VIN = 0.5mV
56
61
dB
Max. Output Voltage
VOM
f = 1kHz, THD = 10%, ZL = 8kΩ
1.1
1.8
mW
Total Harmonic Distortion
THD
f = 1kHz, VOUT = 0.5V, ZL = 8kΩ
1.2
3.0
%
Input Impedance
ZIN
f = 1kHz, ZL = 8kΩ
2
k
Ω
Pin Connection Diagram
(Front View)
VCC
N.C.
Bypass
GND
Output
Feedback
7
6
5
4
3
2
1
Input
.245
(6.2)
Max
17
.099 (2.5)
.126 (3.2) Max
.197
(5.0)
.190
(4.8)
.689 (17.5) Max
.590 (15.0)


Similar Part No. - NTE1431

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1433 NTE-NTE1433 Datasheet
18Kb / 2P
   Integrated Circuit Audio Preamp
NTE1434 NTE-NTE1434 Datasheet
18Kb / 2P
   Integrated Circuit Voltage Comparator
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1437 NTE-NTE1437 Datasheet
74Kb / 3P
   Integrated Circuit VIR Signal Processor
NTE1439 NTE-NTE1439 Datasheet
21Kb / 2P
   Integrated Circuit Dual Attenuator
More results

Similar Description - NTE1431

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1433 NTE-NTE1433 Datasheet
18Kb / 2P
   Integrated Circuit Audio Preamp
NTE1462 NTE-NTE1462 Datasheet
67Kb / 1P
   Integrated Circuit Audio Preamp
NTE1660 NTE-NTE1660 Datasheet
79Kb / 2P
   Integrated Circuit Audio Preamplifier
NTE1185 NTE-NTE1185 Datasheet
72Kb / 2P
   Integrated Circuit Audio PreAmp
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
Shenzhenshi YONGFUKANG ...
ET6208 YONGFUKANG-ET6208 Datasheet
1Mb / 14P
   LED display driver circuit with integrated 7-band audio equalizer
logo
NTE Electronics
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE745 NTE-NTE745 Datasheet
20Kb / 2P
   Integrated Circuit Audio Amplifier, 500mW
NTE1803 NTE-NTE1803 Datasheet
35Kb / 5P
   Integrated Circuit Stereo Audio Control
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com