Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9945V-5AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7B9945V-5AXC
Description  High Speed Multi-phase PLL Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9945V-5AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7B9945V-5AXC Datasheet HTML 1Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 2Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 3Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 4Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 5Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 6Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 7Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 8Page - Cypress Semiconductor CY7B9945V-5AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRELIMINARY
CY7B9945V
Document Number: 38-07336 Rev. *F
Page 5 of 11
Figure 1. Typical Outputs with FB Connected to a Zero-Skew Output[3]
Output Disable Description
The output of each output bank can be independently put into a
HOLD OFF or high impedance state. The combination of the
MODE and DIS[1:2] inputs determines the clock outputs’ state
for each bank. When the DIS[1:2] is LOW, the outputs of the
corresponding banks are enabled. When DIS[1:2] is HIGH, the
outputs for that bank are disabled to a high impedance (HI-Z) or
HOLD OFF state. Table 5 defines the disabled outputs functions.
The HOLD OFF state is a power saving feature. An output bank
is disabled to the HOLD OFF state in a maximum of six output
clock cycles from the time the disable input is HIGH. When
disabled to the HOLD OFF state, outputs are driven to a logic
LOW state on their falling edges. This makes certain that the
output clocks are stopped without a glitch. When a bank of
outputs is disabled to HI-Z state, the respective bank of outputs
go HI-Z immediately.
FBInput
REFInput
–8tU
–7tU
–6tU
–4tU
–3tU
–2tU
–1tU
0t U
+1t U
+2t U
+3t U
LL
LM
LH
(N/A)
(N/A)
(N/A)
(N/A)
MM
(N/A)
(N/A)
(N/A)
(N/A)
HL
(N/A)
LL
LM
LH
ML
MH
MM
HM
HH
(N/A)
(N/A)
(N/A)
+4tU
+6t U
+7t U
+8t U
HM
HH
HL
(N/A)
(N/A)
2F[1:0]
1F[3:2]
1F[1:0]
Table 5. DIS[1:2] Functionality
MODE
DIS[1:2]
1Q[0:3], 2Q[0:5]
HIGH/LOW
LOW
ENABLED
HIGH
HIGH
HI-Z
LOW
HIGH
HOLD-OFF
MID
X
FACTORY TEST
Notes
1. FB connected to an output selected for “Zero” skew (i.e., FBF0 = MID or XF[1:0] = MID).
2. The level set on FS is determined by the “nominal” operating frequency (fNOM) of the VCO and Phase Generator. fNOM always appears on an output when the output
is operating in the undivided mode. The REF and FB are at fNOM when the output connected to FB is undivided.
3. BK1Q denotes following the skew setting of indicated Bank1 outputs.
4. These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold the
unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time before
all data sheet limits are achieved.
5. This is for non-three level inputs.
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9945V-5AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V-5AC CYPRESS-CY7B9945V-5AC Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V-5AI CYPRESS-CY7B9945V-5AI Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B9945V-5AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com