Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTAS4684NBG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTAS4684NBG
Description  0.5 OHM, DUAL SPDT ANALOG SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTAS4684NBG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTAS4684NBG Datasheet HTML 1Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 2Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 3Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 4Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 5Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 6Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 7Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 8Page - Integrated Device Technology IDTAS4684NBG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IDTAS4684
0.5 OHM, DUAL SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 0.5 OHM, DUAL SPDT ANALOG SWITCH
5
IDTAS4684
REV B 103106
Notes:
1. The algebraic convention used in this data sheet is where the most negative value is a minimum and the most positive value
a maximum.
2. UCSP parts are 100% tested at +25°C only and guaranteed by design and correlation at the full hot-rated temperature.
3. Guaranteed by design.
4.
RON = RON(MAX) - RON(MIN), between NC1 and NC2 or between NO1 and NO2.
5. Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over the
specified analog signal ranges.
6. Off-isolation = 20log10 (VCOM / VCO), VCOM = output, VCO = input to off switch.
Parameter
Symbol
Conditions
TA
Min.
Typ.
Max.
Units
Digital I/O
Input Logic HIGH
VIH
TMIN to
TMAX
1.4
V
Input Logic LOW
VIL
TMIN to
TMAX
0.5
V
IN Input Leakage Current
IIN
VIN = 0 or V+
TMIN to
TMAX
-1
1
µA
Power Supply
Power Supply Range
V+
TMIN to
TMAX
1.8
5.5
V
Supply Current
I+
V+ = 5.5 V, VIN = 0 or V+,
Note 3
+25°C
-50
+0.04
+50
nA
TMIN to
TMAX
-200
+200


Similar Part No. - IDTAS4684NBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results

Similar Description - IDTAS4684NBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
   0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com