Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS98UAE877AHLFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS98UAE877AHLFT
Description  1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS98UAE877AHLFT Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS98UAE877AHLFT Datasheet HTML 1Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 2Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 3Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 4Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 5Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 6Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 7Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 8Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ICS98UAE877A
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
COMMERCIAL TEMPERATURE GRADE
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2
ICS98UAE877A
7181/2
Block Diagram
FBOUTT
FBOUTC
FBIN_INT
FBIN_INC
PLL
CLK_INT
CLK_INC
POWER
DOWN
AND
TEST
MODE
LOGIC
LD
AVDD
OE
OS
LD or OE
LD, OS, or OE
PLL BYPASS
10K
Ω -100KΩ
CLKT0
CLKC0
CLKT1
CLKC1
CLKT2
CLKC2
CLKT3
CLKC3
CLKT4
CLKC4
CLKT5
CLKC5
CLKT6
CLKC6
CLKT7
CLKC7
CLKT8
CLKC8
CLKT9
CLKC9
(1)
NOTE:
1. The Logic Detect (LD) powers down the device
when a logic LOW is applied to both CLK_INT and
CLK_INC.


Similar Part No. - ICS98UAE877AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
More results

Similar Description - ICS98UAE877AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com