Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRM0207Y-1K0DI Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WRM0207Y-1K0DI
Description  Mini Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WRM0207Y-1K0DI Datasheet(HTML) 3 Page - Welwyn Components Limited

  WRM0207Y-1K0DI Datasheet HTML 1Page - Welwyn Components Limited WRM0207Y-1K0DI Datasheet HTML 2Page - Welwyn Components Limited WRM0207Y-1K0DI Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mini Melf
Resistors
WRM Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 09.06
Welwyn Components
100
10
1
0,1
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
Pulse Duration ti
WRM 0102
WRM 0204
WRM 0207
W
100
10
1
0,1
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
Pulse Duration ti
WRM 0102
WRM 0204
WRM 0207
W
Single Pulse
Maximum Pulse Load
Continuous Pulses
Maximum Pulse Load
Type
WRM
0204
C -
1K0
F
I
Size
TCR
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
C
50ppm/ºC
T
10ppm/ºC
D
25ppm/ºC
V
5ppm/ºC
Y
15ppm/ºC
B
0.1%
D
0.5%
G 2%
C
0.25% F
1%
J
5%
0102
3000 / reel (7”)
I
Tape
0204
3000 / reel (7”)*
Standard
0207
1500 / reel (7”)
Ordering Procedure
Example: WRM0204 at 1 kilohm, 1% tolerance and 50ppm/ºC TCR on a reel of 3000 pieces -
* High precision parts may be supplied on 1000 piece reels – please enquire
Packaging
The WRM 0102 and 0204 resistors are supplied reeled on 8mm blister tape.
WRM 0207 resistors are supplied on 12mm blister tape.
Packaging complies with the requirements of IEC 286-3.


Similar Part No. - WRM0207Y-1K0DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WRM0207 ETC2-WRM0207 Datasheet
238Kb / 3P
   MELF Resistors
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
More results

Similar Description - WRM0207Y-1K0DI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com