Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS98UAE877AHLFIT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS98UAE877AHLFIT
Description  1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS98UAE877AHLFIT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS98UAE877AHLFIT Datasheet HTML 3Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 4Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 5Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 6Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 7Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 8Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 9Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 10Page - Integrated Device Technology ICS98UAE877AHLFIT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ICS98UAE877A
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
COMMERCIAL TEMPERATURE GRADE
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
7
ICS98UAE877A
7181/2
Recommended Operating Conditions
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0°C to +70°C, Industrial: TA = -40°C to +85°C; Supply Voltage AVDD/VDDQ = 1.5V ± 0.075V.
Symbol
Parameter1
1
Unused inputs must be held HIGH or LOW to prevent them from floating.
Conditions
Min.
Typ.
Max.
Units
AVDD,
VDDQ
Supply Voltage
1.425
1.5
1.575
V
VIL
LOW - Level Input
Voltage
CLK_INT, CLK_INC,
FB_INT, FB_INC
0.35 x VDDQ
V
OE, OS
VIH
HIGH -Level Input
Voltage
CLK_INT, CLK_INC,
FB_INT, FB_INC
0.65 x VDDQ
V
OE, OS
VIN
DC Input Signal
Voltage2
2
DC input signal voltage specifies the allowable DC execution of differential input.
-0.3
VDDQ + 0.3
V
VID
Differential Input Signal
Voltage3
3
Differential inputs signal voltages specifies the differential voltage [VTR-VCP] required for switching,
where VTR is the true input level and VCP is the complementary input level.
DC - CLK_INT,
CLK_INC, FB_INT,
FB_INC
0.35
VDDQ + 0.4
V
AC - CLK_INT,
CLK_INC, FB_INT,
FB_INC
0.6
VOX
Output Differential
Cross-Voltage4
4
Differential cross-point voltage is expected to track variations of VDDQ and is the voltage at which the
differential signal must be crossing.
VDDQ/2 - 0.1
VDDQ/2 +0.1
V
VIX
Input Differential
Cross-Voltage4
VDDQ/2 -
0.15
VDDQ/2
VDDQ/2 +
0.15
IOH
HIGH-Level Output
Current
-6
mA
IOL
LOW-Level Output
Current
6
TA
Operating Free-Air
Temperature
-40
+85
°C


Similar Part No. - ICS98UAE877AHLFIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
More results

Similar Description - ICS98UAE877AHLFIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com