Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRM0204Y-1K0DI Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WRM0204Y-1K0DI
Description  Mini Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WRM0204Y-1K0DI Datasheet(HTML) 2 Page - Welwyn Components Limited

  WRM0204Y-1K0DI Datasheet HTML 1Page - Welwyn Components Limited WRM0204Y-1K0DI Datasheet HTML 2Page - Welwyn Components Limited WRM0204Y-1K0DI Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mini Melf
Resistors
WRM Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 09.06
Welwyn Components
TCR and Tolerance Range
* TC 10ppm & 5ppm is specified over the temperature range -10°C to +85°C.
* Resistors to be mounted on a PC-board according to IEC 115-1, clause 4.27.1
Performance Data
e
c
n
a
r
e
l
o
T
R
C
T
e
p
y
T
Reference
5%
2%
1.0%
0.5%
0.25%
0.1%
WRM0102
±50ppm
R22 – R91
IRO – 9R1
10R – 2.21M
47RS – 221K
100R – 221K
WRM0102
±25ppm
10R – 221K
47R5 – 221K
100R – 221K
100R – 100K
WRM0102
±15ppm
100R – 100K
100R – 100K
100R – 100K
WRM0102
±10ppm
WRM0102
±05ppm
WRM0204
±50ppm
R22 – R91
1R – 10M
10R – 475K
22R – 332K
43R – 332K
WRM0204
±25ppm
10R – 475K
10R – 475K
22R – 332K
43R – 332K
WRM0204
±15ppm
10R – 221K
22R – 221K
43R – 221K
WRM0204
±10ppm
22R – 221K
43R – 221K
WRM0204
±05ppm
100R – 100K
100R – 100K
WRM0207
±50ppm
R22 – R91
1R – 8.2M
10R – 1M
WRM0207
±25ppm
10R – 1M
WRM0207
±15ppm
WRM0207
±10ppm
WRM0207
±05ppm
Test
Results
R/R ±
Stability class
0
.
1
5
.
0
5
2
.
0
n
o
it
p
ir
c
s
e
D
10 Ω – <75 Ω
0.22 Ω – <10 Ω
75 Ω – <100 kΩ
>100 kΩ – 332 kΩ
>332 kΩ – 10 MΩ
Short time overload*
≤ 0.05% + 0.01 Ω
≤ 0.1% + 0.01 Ω
≤ 0.25% + 0.05 Ω
Bending test*
≤ 0.05% + 0.01 Ω
≤ 0.1% + 0.01 Ω
≤ 0.25% + 0.05 Ω
Resistance to soldering heat
≤ 0.05% + 0.01 Ω
≤ 0.1% + 0.01 Ω
≤ 0.25% + 0.05 Ω
Temperature rapid change
≤ 0.05% + 0.01 Ω
≤ 0.1% + 0.01 Ω
≤ 0.25% + 0.05 Ω
Endurance*
Load life
1000h
≤ 0.25% + 0.05 Ω
≤ 0.25% + 0.05 Ω
≤ 0.5% + 0.05 Ω
8000 h
≤ 0.5% + 0.05 Ω
≤ 0.5% + 0.05 Ω
≤ 1.0% + 0.05 Ω
Climatic sequence*
≤ 0.25% + 0.05 Ω
≤ 0.5% + 0.05 Ω
≤ 1.0% + 0.05 Ω
Damp heat steady state*
≤ 0.25% + 0.05 Ω
≤ 0.5% + 0.05 Ω
≤ 1.0% + 0.05 Ω
V
/
V
µ
3
<
V
/
V
µ
5
2
.
0
<
V
/
V
µ
5
0
.
0
<
e
s
i
o
n
t
n
e
r
r
u
C
h
t
o
o
m
s
a
h
ti
w
d
e
r
e
v
o
c
e
b
ll
a
h
s
a
e
r
a
d
e
p
p
i
D
y
ti
li
b
a
r
e
d
l
o
S
and bright solder coating of at least 96%
0
1
.
5
.
0
<
t
n
e
i
c
if
f
e
o
c
e
g
a
tl
o
V
6/V
f
o
o
r
p
e
g
a
tl
o
V
200V
300V
500V


Similar Part No. - WRM0204Y-1K0DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WRM0204Y-1K0DI ETC2-WRM0204Y-1K0DI Datasheet
238Kb / 3P
   MELF Resistors
More results

Similar Description - WRM0204Y-1K0DI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com