Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9940V-2AI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B9940V-2AI
Description  High-Speed Multi-Frequency PLL Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9940V-2AI Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY7B9940V-2AI Datasheet HTML 1Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 2Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 3Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 4Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 5Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 6Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 7Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 8Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RoboClockII™ Junior
CY7B9930V
CY7B9940V
Document #: 38-07271 Rev. *B
Page 9 of 9
Document History Page
Document Title: CY7B9930V/CY7B9940V RoboClockII™ Junior High-Speed Multi-Frequency PLL Clock Buffer
Document Number: 38-07271
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
110536
12/02/01
SZV
Change from Spec number: 38-01141
*A
115109
7/03/02
HWT
Add 44TQFP package for both CY7B9930/40V – Industrial Operating Range
*B
128463
7/29/03
RGL
Added clock input frequency (fin) specifications in the switching character-
istics table.
Added Min. values for the clock output frequency (fout) in the switching
characteristics table.
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9940V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9940V-2AI CYPRESS-CY7B9940V-2AI Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
More results

Similar Description - CY7B9940V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com