Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991V-7JXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7B991V-7JXC
Description  Low Voltage Programmable Skew Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V-7JXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7B991V-7JXC Datasheet HTML 3Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 4Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 5Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 6Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 7Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 8Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 9Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 10Page - Cypress Semiconductor CY7B991V-7JXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *C
Page 7 of 14
Figure 7 shows some of the functions that are selectable on the
3Qx and 4Qx outputs. These include inverted outputs and
outputs that offer divide-by-2 and divide-by-4 timing. An inverted
output
enables
the
system
designer
to
clock
different
subsystems on opposite edges without suffering from the pulse
asymmetry typical of non-ideal loading. This function enables
each of the two subsystems to clock 180 degrees out of phase,
but still is aligned within the skew specification.
The divided outputs offer a zero delay divider for portions of the
system that divide the clock by either two or four, and still remain
within a narrow skew of the “1X” clock. Without this feature, an
external divider is added, and the propagation delay of the
divider adds to the skew between the different clock signals.
These divided outputs, coupled with the Phase Locked Loop,
enable the LVPSCB to multiply the clock rate at the REF input by
either two or four. This mode allows the designer to distribute a
low frequency clock between various portions of the system. It
also locally multiplies the clock rate to a more suitable frequency,
while still maintaining the low skew characteristics of the clock
driver. The LVPSCB performs all of the functions described in
this section at the same time. It can multiply by two and four or
divide by two (and four) at the same time that it shifts its outputs
over a wide range or maintains zero skew between selected
outputs.
.
Figure 7. Multi-Function Clock Driver
20 MHz
DISTRIBUTION
CLOCK
80 MHz
INVERTED
Z0
20 MHz
80 MHz
ZERO SKEW
80 MHz
SKEWED –3.125 ns (–4tU)
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
LOAD
LOAD
LOAD
LOAD
Z0
Z0
Z0


Similar Part No. - CY7B991V-7JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V-7JXC CYPRESS-CY7B991V-7JXC Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-7JXCT CYPRESS-CY7B991V-7JXCT Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V-7JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com