Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9930V-5AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B9930V-5AI
Description  High-Speed Multi-Frequency PLL Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9930V-5AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B9930V-5AI Datasheet HTML 1Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 2Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 3Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 4Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 5Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 6Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 7Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 8Page - Cypress Semiconductor CY7B9930V-5AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
High-Speed Multi-Frequency PLL Clock Buffer
RoboClockII™ Junior
CY7B9930V
CY7B9940V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07271 Rev. *B
Revised July 25, 2002
Features
• 12–100 MHz (CY7B9930V), or 24–200 MHz (CY7B9940V)
input/output operation
• Matched pair output skew < 200 ps
• Zero input-to-output delay
• 10 LVTTL 50% duty-cycle outputs capable of driving
50
ω terminated lines
• Commercial temp. range with eight outputs at 200 MHz
• Industrial temp. range with eight outputs at 200 MHz
• 3.3V LVTTL/LV differential (LVPECL), fault-tolerant and
hot insertable reference inputs
• Multiply ratios of (1–6, 8, 10, 12)
• Operation up to 12x input frequency
• Individual output bank disable for aggressive power
management and EMI reduction
• Output high-impedance option for testing purposes
• Fully integrated PLL with lock indicator
• Low cycle-to-cycle jitter (<100 ps peak-peak)
• Single 3.3V ± 10% supply
• 44-pin TQFP package
Functional Description
The
CY7B9930V
and
CY7B9940V
High-Speed
Multi-
Frequency PLL Clock Buffers offer user-selectable control
over system clock functions. This multiple-output clock driver
provides the system integrator with functions necessary to
optimize the timing of high-performance computer or commu-
nication systems.
Ten configurable outputs can each drive terminated trans-
mission lines with impedances as low as 50
Ω while delivering
minimal and specified output skews at LVTTL levels. The outputs
are arranged in three banks. The FB feedback bank consists
of two outputs, which allows divide-by functionality from 1 to
12. Any one of these ten outputs can be connected to the
feedback input as well as driving other inputs.
Selectable reference input is a fault tolerance feature that
allows smooth change over to secondary clock source, when
the primary clock source is not in operation. The reference
inputs are configurable to accommodate both LVTTL or Differ-
ential (LVPECL) inputs. The completely integrated PLL
reduces jitter and simplifies board layout.
3
3
3
3
FS
Output_Mode
FBDS0
FBDS1
DIS2
DIS1
QFA0
QFA1
2QA0
2QA1
2QB0
2QB1
1QA0
1QA1
1QB0
1QB1
LOCK
FBKA
REFA+
REFA–
REFB+
REFB–
REFSEL
Divide
Phase
Freq.
Detector
Filter
VCO
Control Logic
Divide
Generator
Feedback Bank
Bank 2
Bank 1
Matrix
1
3
2
36 35 34
37
38
39
40
41
42
43
44
25
24
23
26
27
28
33
31
32
30
29
VCCQ
REFA+
REFA –
REFSEL
REFB–
REFB+
DIS1
GND
DIS2
VCCQ
FS
GND
2QB1
VCCN
2QB0
GND
GND
GND
VCCN
GND
2QA0
2QA1
9
10
11
8
7
6
4
5
20
21 22
19
18
17
16
15
14
13
12
CY7B9930V/40V
44-Pin TQFP
Pin Configuration
Functional Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9930V-5AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9930V-5AI CYPRESS-CY7B9930V-5AI Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
More results

Similar Description - CY7B9930V-5AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com