Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9428 Datasheet(PDF) 9 Page - EPCOS

Part # B9428
Description  SAW Tx filter WCDMA Band II (PCS-Band)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9428 Datasheet(HTML) 9 Page - EPCOS

  B9428 Datasheet HTML 1Page - EPCOS B9428 Datasheet HTML 2Page - EPCOS B9428 Datasheet HTML 3Page - EPCOS B9428 Datasheet HTML 4Page - EPCOS B9428 Datasheet HTML 5Page - EPCOS B9428 Datasheet HTML 6Page - EPCOS B9428 Datasheet HTML 7Page - EPCOS B9428 Datasheet HTML 8Page - EPCOS B9428 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
March 02, 2007
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of passive electronic compo-
nents or failure before the end of their usual service life cannot be completely ruled
out in the current state of the art, even if they are operated as specified. In customer
applications requiring a very high level of operational safety and especially in customer appli-
cations in which the malfunction or failure of a passive electronic component could endanger
human life or health (e.g. in accident prevention or life-saving systems), it must therefore be
ensured by means of suitable design of the customer application or other action taken by the
customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is
sustained by third parties in the event of malfunction or failure of a passive electronic compo-
nent.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, Silver-
Cap, SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered
or pending in Europe and in other countries. Further information will be found on the Internet
at www.epcos.com/trademarks.


Similar Part No. - B9428

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9422 EPCOS-B9422 Datasheet
78Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9423 EPCOS-B9423 Datasheet
78Kb / 8P
   Low-Loss Filter for Mobile Communication
B9425 EPCOS-B9425 Datasheet
86Kb / 7P
   SAW Tx filter 836.5 MHz
B9426 EPCOS-B9426 Datasheet
102Kb / 8P
   SAW Tx filter 836.5 MHz
B9429 EPCOS-B9429 Datasheet
79Kb / 9P
   SAW filters for mobile communications
More results

Similar Description - B9428

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9459 EPCOS-B9459 Datasheet
110Kb / 9P
   SAW TX Filter PCS / WCDMA Band II
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
B7955 EPCOS-B7955 Datasheet
113Kb / 11P
   BAW/SAW Duplexer WCDMA Band II (PCS)
B9452 EPCOS-B9452 Datasheet
91Kb / 8P
   SAW Tx filter WCDMA band IV Tx
B9414 EPCOS-B9414_08 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
   SAW TX Filter Cellular / WCDMA Band V
B9470 EPCOS-B9470 Datasheet
127Kb / 8P
   SAW Diversity Rx filter WCDMA Band II
B5127 EPCOS-B5127 Datasheet
131Kb / 8P
   SAW filter WCDMA Band I
B9451 EPCOS-B9451 Datasheet
90Kb / 8P
   SAW Rx Filter WCDMA Band I / Band IV / Band X
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
   SAW RX filter WCDMA band VIII
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com