Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70P3337S233RM Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70P3337S233RM
Description  1024K/512K x18 SYNCHRONOUS DUAL QDR-II
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P3337S233RM Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70P3337S233RM Datasheet HTML 6Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 7Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 8Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 9Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 10Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 11Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 12Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 13Page - Integrated Device Technology IDT70P3337S233RM Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
18/9Mb QDR-IITM x18 IDT70P3307/70P3337
SYNCHRONOUS Dual QDR-IITM
Preliminary Datasheet
Commercial Temperatue Range
10
July 16, 2007
AC Test Conditions
5677 drw08
VDDQ/2
(VDDQ/2) -0.5V
(VDDQ/2) +0.5V
NOTE:
1. Parameters are tested with RQ=250
Ω.
AC Test Loads
Device
RL =50
Z0 =50
VDDQ/2
Under
Test
VREF
OUTPUT
5677 drw 07
ZQ
RQ =250
VDDQ/2
5677 drw 06
20%
tKHKH (MIN)
VSS -0.5V
VSS -0.25V
VSS
VIL
Overshoot Timing
Undershoot Timing
Parameter
Symbol
Value
Unit
Core Power Supply Voltage
VDD
1.7-1.9
V
Output Power Supply Voltage
VDDQ
1.4-1.9
V
Input High Level
VIH
(VDDQ/2) +0.5
V
Input Low Level
VIL
(VDDQ/2) -0.5
V
Input Reference Level
VREF
VDDQ/2
V
Input Rise/Fall Time
TR/TF
0.3/0.3
ns
Output Timing Reference Level
VDDQ/2
V
6725 tbl14


Similar Part No. - IDT70P3337S233RM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P34 IDT-IDT70P34 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BF IDT-IDT70P34L20BF Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BFI IDT-IDT70P34L20BFI Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BY IDT-IDT70P34L20BY Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P34L20BYI IDT-IDT70P34L20BYI Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70P3337S233RM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3537 IDT-IDT70P3537 Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Integrated Device Techn...
IDT70V9389 IDT-IDT70V9389 Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Samsung semiconductor
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
logo
Integrated Silicon Solu...
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
logo
Samsung semiconductor
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com