Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9910-5SC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7B9910-5SC
Description  Low Skew Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9910-5SC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7B9910-5SC Datasheet HTML 1Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 2Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 3Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 4Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 5Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 6Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 7Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 8Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7B9910
CY7B9920
Document Number: 38-07135 Rev. *B
Page 5 of 11
AC Test Loads and Waveforms
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
10
pF
7B9910–3
7B9910–4
TTL AC Test Load (CY7B9910)
TTL Input Test Waveform (Cy7B9910)
5V
R1
R2
CL
R1
R2
CL
7B9910–5
CMOS AC Test Load (CY7B9920)
3.0V
2.0V
Vth =1.5V
0.8V
0.0V
≤1ns
≤1ns
2.0V
0.8V
Vth =1.5V
80%
Vth =VCC/2
20%
0.0V
≤ 3ns
≤ 3ns
80%
20%
Vth =VCC/2
7B9910–6
CMOS Input Test Waveform (CY7B9920)
VCC
R1=130
R2=91
CL =50 pF (CL = 30pF for –5 and – 2 devices)
(Includes fixture and probe capacitance)
R1=100
R2=100
CL =50 pF (CL =30 pF for –5 and – 2devices)
(Includes fixture and probe capacitance)
VCC
Switching Characteristics
Over the Operating Range [11]
CY7B9910–2[8]
CY7B9920–2[8]
Parameter
Description
Min
Typ
Max
Min
Typ
Max
Unit
fNOM
Operating Clock
Frequency in MHz
FS = LOW[1, 2]
15
30
15
30
MHz
FS = MID[1, 2]
25
50
25
50
FS = HIGH[1, 2, 3]
40
80
40
80[12]
tRPWH
REF Pulse Width HIGH
5.0
5.0
ns
tRPWL
REF Pulse Width LOW
5.0
5.0
ns
tSKEW
Zero Output Skew (All Outputs)[13, 14]
0.1
0.25
0.1
0.25
ns
tDEV
Device-to-Device Skew[14, 15]
0.75
0.75
ns
tPD
Propagation Delay, REF Rise to FB Rise
–0.25
0.0
+0.25
–0.25
0.0
+0.25
ns
tODCV
Output Duty Cycle Variation[16]
–0.65
0.0
+0.65
–0.65
0.0
+0.65
ns
tORISE
Output Rise Time[17, 18]
0.15
1.0
1.2
0.5
2.0
2.5
ns
tOFALL
Output Fall Time[17, 18]
0.15
1.0
1.2
0.5
2.0
2.5
ns
tLOCK
PLL Lock Time[19]
0.5
0.5
ms
tJR
Cycle-to-Cycle Output Jitter Peak to Peak
200
200
ps
RMS
25
25
ps
[+] Feedback


Similar Part No. - CY7B9910-5SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910-5SC CYPRESS-CY7B9910-5SC Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results

Similar Description - CY7B9910-5SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com