Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T93GL04PGGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT5T93GL04PGGI
Description  2.5V LVDS, 1:4 GLITCHLESS CLOCK BUFFER TERABUFFERII
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T93GL04PGGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT5T93GL04PGGI Datasheet HTML 5Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 6Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 7Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 8Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 9Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 10Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 11Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 12Page - Integrated Device Technology IDT5T93GL04PGGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IDT5T93GL04
2.5V LVDS 1:4 GLITCHLESS CLOCK BUFFER TERABUFFER™ II
IDT™ LVDS GLITCHLESS CLOCK BUFFER TERABUFFER™ II
9
IDT5T93GL04 REV. A JULY 10, 2007
Differential AC Timing Waveforms
Output Propagation and Skew Waveforms
NOTE 1: Pulse skew is calculated using the following expression:
tsk(p) =
|tp
HL – tpLH|
Note that the tpHL and tpLH shown above ae not valid measurements for this calculation because they are not taken from the same pulse.
NOTE 2: AC propagation measurements should not be taken within the first 100 cycles of startup.
Differential Gate Disabled/Endable Showing Runt Pulse Generation
NOTE 1: As shown, it is possible to generate runt pulses on gate disable and enable of the outputs. It is the user’s responsibility to time
the G signal to avoid this problem.
tPLH
tPHL
tSK(O)
tSK(O)
Qn - Qn
Qm - Qm
+VDIF
VDIF =0
-VDIF
+VDIF
VDIF =0
-VDIF
A[1:2] -A[1:2]
+VDIF
VDIF =0
-VDIF
1/fo
tPLH
GL
G
Qn - Qn
tPGD
tPGE
VIH
VTHI
VIL
VIH
VTHI
VIL
+VDIF
VDIF =0
-VDIF
A[1:2] -A[1:2]
+VDIF
VDIF =0
-VDIF


Similar Part No. - IDT5T93GL04PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL02PGGI IDT-IDT5T93GL02PGGI Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL02PGI IDT-IDT5T93GL02PGI Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL06 IDT-IDT5T93GL06 Datasheet
108Kb / 15P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
More results

Similar Description - IDT5T93GL04PGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5T93GL04 RENESAS-5T93GL04 Datasheet
380Kb / 18P
   2.5V LVDS, 1:4 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
logo
Integrated Device Techn...
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL10 IDT-IDT5T93GL10 Datasheet
185Kb / 15P
   2.5V LVDS 1:10 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL06 IDT-IDT5T93GL06 Datasheet
108Kb / 15P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
logo
Renesas Technology Corp
5T93GL02 RENESAS-5T93GL02 Datasheet
380Kb / 18P
   2.5V LVDS, 1:2 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
   2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
8T349316 RENESAS-8T349316 Datasheet
598Kb / 20P
   2.5V LVDS 1:16 Clock Fanout Buffer
2019
logo
Integrated Device Techn...
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
8T349316 IDT-8T349316 Datasheet
359Kb / 19P
   2.5V LVDS 1:16 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com