Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1581-01GILFTR Datasheet(PDF) 6 Page - Integrated Device Technology

Part # MK1581-01GILFTR
Description  LOW PHASE NOISE T1/E1 CLOCK GENERATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK1581-01GILFTR Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button MK1581-01GILFTR Datasheet HTML 2Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 3Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 4Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 5Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 6Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 7Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 8Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 9Page - Integrated Device Technology MK1581-01GILFTR Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MK1581-01
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
VCXO AND SYNTHESIZER
IDT™ / ICS™ LOW PHASE NOISE T1/E1 CLOCK GENERATOR
6
MK1581-01
REV D 073007
Recommended Power Supply Connection for
Optimal Device Performance
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to ground,
shown as CL in the External Component Schematic. These
capacitors are used to adjust the stray capacitance of the
board to match the nominally required crystal load
capacitance. Because load capacitance can only be
increased in this trimming process, it is important to keep
stray capacitance to a minimum by using very short PCB
traces (and no vias) been the crystal and device.
In most cases the load capacitors will not be required. They
should not be stuffed on the prototype evaluation board as
the indiscriminate use of these trim capacitors will typically
cause more crystal centering error than their absence. If the
need for the load capacitors is later determined, the values
will fall within the 1-4 pF range. The need for, and value of,
these trim capacitors can only be determined at prototype
evaluation. Refer to MAN05 for the centering capacitor
selection procedure.
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed. Please
also refer to the Recommended PCB Layout drawing on
Page 7.
1) Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No via’s should be used between decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via. Distance of the ferrite bead and bulk decoupling
from the device is less critical.
2) The loop filter components must also be placed close to
the CHGP and VIN pins. CP should be closest to the device.
Coupling of noise from other system signal traces should be
minimized by keeping traces short and away from active
signal traces. Use of vias should be avoided.
3) The external crystal should be mounted just next to the
device with short traces. The X1 and X2 traces should not
be routed next to each other with minimum spaces, instead
they should be separated and away from other traces.
4) To minimize EMI the 33
Ω series termination resistor, if
needed, should be placed close to the clock output.
5) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (the ferrite bead and bulk decoupling capacitor can be
mounted on the back). Other signal traces should be routed
away from the MK1581-01. This includes signal traces just
underneath the device, or on layers adjacent to the ground
plane layer used by the device.
The IDT Applications Note MAN05 may also be referenced
for additional suggestions on layout of the crystal section.
C onnec tion to 3.3V
Pow er Plane
Ferrite
B ead
B ulk D ec oupling C apac itor
(suc h as 1
F Tantalum )
VD D Pin
VD D Pin
VD D Pin
0.01
F D ecoupling C apacitors


Similar Part No. - MK1581-01GILFTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1581-01GILFTR RENESAS-MK1581-01GILFTR Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
More results

Similar Description - MK1581-01GILFTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
logo
Renesas Technology Corp
ICS548-05 RENESAS-ICS548-05 Datasheet
250Kb / 8P
   T1/E1 CLOCK MULTIPLIER
091511
logo
Integrated Device Techn...
IDT82V3010 IDT-IDT82V3010 Datasheet
391Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3010 RENESAS-IDT82V3010 Datasheet
171Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
November 14, 2012
logo
Silicon Laboratories
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com