Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WLT0852 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WLT0852
Description  Jumper Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WLT0852 Datasheet(HTML) 2 Page - Welwyn Components Limited

  WLT0852 Datasheet HTML 1Page - Welwyn Components Limited WLT0852 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jumper Resistors
WL4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
160
Max
Bow
L
d
Marking
All wire links are supplied tape packed ready for loading onto
automatic sequencing and insertion machines.
The standard taping method and critical dimensions are
shown below. Component wires will not protrude beyond the
outside edge of the tapes.
Alternative packaging available by request.
52
f1
f2
6
6
5
Body location f1 – f2
1.4 mm
Dimensions (mm)
Max.
Type
L max
d nom
bow
WLT0652
52
0.6
1.0
WLT0752
52
0.7
1.0
WLT0852
52
0.8
1.0
Jumper Resistors
Type
WL4
WLT0652
WLT0752
WLT0852
Ammo pack
5000
7500
5000
5000
Standard Quantities Per Package
Issue C · 01.07


Similar Part No. - WLT0852

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLT280L-2P1536 SICK-WLT280L-2P1536 Datasheet
489Kb / 6P
   PHOTOELECTRIC SENSORS
WLT280L-2P2536 SICK-WLT280L-2P2536 Datasheet
570Kb / 6P
   PHOTOELECTRIC SENSORS
logo
Compex Systems Pte. Lte...
WLT674 COMPEX-WLT674 Datasheet
257Kb / 5P
   Dual Band 2.4GHz / 5GHz WiFi Bluetooth Combo M.2 Module
logo
WALSIN TECHNOLOGY CORPO...
WLTF0603 WALSIN-WLTF0603 Datasheet
683Kb / 6P
   Thin-Film Chip High Frequency Inductor
WLTF0603Z0B10NTB WALSIN-WLTF0603Z0B10NTB Datasheet
683Kb / 6P
   Thin-Film Chip High Frequency Inductor
More results

Similar Description - WLT0852

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
   Jumper Wire & Zerohm Resistors
logo
Rohm
PMR ROHM-PMR Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
logo
Dubilier
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T_11 Datasheet
176Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
Vishay Siliconix
FRJ50E36 VISHAY-FRJ50E36 Datasheet
96Kb / 3P
   Metal Film Resistors, Zero Ohm Jumper, Industrial
Revision: 24-Oct-12
FRJ55R36 VISHAY-FRJ55R36 Datasheet
96Kb / 3P
   Metal Film Resistors, Zero Ohm Jumper, Industrial
Revision: 24-Oct-12
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
   HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
   Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
Revision 01-Aug-02
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
TT Electronics.
BCN31 TTELEC-BCN31_17 Datasheet
505Kb / 3P
   Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com