Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM5307 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5307
Description  9.953 Gbit/s Telecom Bus Serializer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5307 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5307 Datasheet HTML 1Page - PMC-Sierra, Inc PM5307 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
9.953 Gbit/s Telecom Bus Serializer
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2001266 (A2)
© Copyright PMC-Sierra,
Inc. 2001. All rights reserved.
S/UNI is a registered
trademark of PMC-Sierra,
Inc. SPECTRA and CHESS
are trademarks of PMC-
Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Advance
PM5307 TBS-9953
APPLICATIONS
• Optical cross connects.
• Multi-service provisioning platforms.
• SONET/SDH Add/Drop Multiplexers.
• SONET/SDH Digital Cross connects.
• Serial TelecomBus backplane driver.
TYPICAL APPLICATIONS
MULTI-SERVICE SWITCH (WITH 2.488 GBIT/S SERIAL TELECOMBUS BACKPLANE)
STS-192
PM5310
SPECTRA-9953
PM5307
TBS-9953
ATM or
IP Layer
PM5379
S/UNI-MACH48
4 x 777.6 MHz
TelecomBus
16 x 777.6 MHz
TelecomBus
PM5310
SPECTRA-9953
PM5307
TBS-9953
4 x 777.6 MHz
TelecomBus
STS-192
16 x 777.6 MHz
TelecomBus
OC-192 MULTI-SERVICE ADD/DROP MULTIPLEXER
PM5307
TBS-9953
#33
PM7390
S/UNI-MACH-48
#1
PM5307
TBS-9953
#1
PM5317
SPECTRA-9953
#1
PM5307
TBS-9953
#2
PM5374
TSE-160
Working #2
PM5374
TSE-160
Protected #2
PM5374
TSE-160
Working #1
PM5374
TSE-160
Protected #1
PM5374
TSE-160
Working #4
PM5374
TSE-160
Protected #4
PM5307
TBS-9953
#32
PM5307
TBS-9953
#34
PM5390
S/UNI-9953
#2
PM5307
TBS-9953
#64
PM5390
S/UNI-9953
#32
SONET Side
Working and Protect
640 G PM5374 TSE-160 Fabric
2.488 Gbit/s
Serial
Backplane
2.488 Gbit/s
Serial
Backplane
2.488 Gbit/s
Serial
Backplane
2.488 Gbit/s
Serial
Backplane
2.488 Gbit/s
Serial
Backplane
2.488 Gbit/s
Serial
Backplane
Packets/Cells
STS-48c or
Smaller
Channelization
Packets/Cells
STS-192c or 4
x STS-48c
Packets/Cells
STS-192c or
4 x STS-48c
STS-192
4 x STS-48
STS-192
Packet/Cell Side
ADM Function
PM5317
SPECTRA-9953
#2
PM5317
SPECTRA-9953
#32
1
2
32
1
2
32


Similar Part No. - PM5307

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
   Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
More results

Similar Description - PM5307

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
   SATURN User Network Interface for 9.953 Gbit/s
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
   TelecomBus Serializer for 2.5 Gbit/s Interconnect
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
   Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
   2.5 Gbit/s Transimpedance Amplifier
July 1998
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
   PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
   PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
logo
PMC-Sierra, Inc
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
   2.4 Gbit/s ATM Layer Solution
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
   2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM5372 PMC-PM5372 Datasheet
59Kb / 2P
   40 Gbit/s Transport Switching Element
logo
Infineon Technologies A...
V23832-T2431-M101 INFINEON-V23832-T2431-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com