Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WA82 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # WA82
Description  General Purpose Cement Coated Wirewound Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WA82 Datasheet(HTML) 1 Page - Welwyn Components Limited

  WA82 Datasheet HTML 1Page - Welwyn Components Limited WA82 Datasheet HTML 2Page - Welwyn Components Limited WA82 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions (mm) and Weight (g)
PCB
Min
mounting
bend
Wt
Type
L max.
D max.
f min.
d nom.
centres
radius
nom.
WA82
6.2
2.8
21.20
0.6
10.20
0.6
0.22
WA83
9.0
3.6
19.80
0.8
12.70
1.2
0.50
WA835
12.5
4.5
17.80
0.8
18.40
1.2
0.50
WA84
14.5
5.2
24.55
0.8
20.30
1.2
1.10
WA85
16.5
7.0
23.55
0.8
22.86
1.2
1.75
WA87
25.0
8.8
28.30
0.8
31.40
1.2
4.40
General Purpose Cement
Coated Wirewound Resistors
WA80 Series
Cost effective
Flameproof protection
Can replace carbon comp. in many applications
Resistance values down to 0.01 ohms
Ideal for pulse handling applications
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
89
WA82
WA83
WA835
WA84
WA85
WA87
Power rating at 25°c
watts
1
2.0
2.5
3.0
5
7
Power rating at 70°c
watts
.86
1.6
2.0
2.5
4.3
6
Resistance range
ohms
0R068 to 430
0R05 to 900R
0R05 to 900R
0R01 to 2K2
0R015 to 6K8
0R15 to 10K
Limiting element voltage
volts
50
50
75
100
150
150
Isolation voltage
volts
250
250
250
350
500
700
TCR
ppm/°C
<1
Ω:350
>1
Ω:200
Resistance tolerance
%
<20R: 5, 10
≥20R: 1, 2, 5, 10
Values
E24 preferred
Thermal impedance
°C/watt
140
110
82
90
54
35
Ambient temperature range
°C
- 55 to 155
Electrical Data
Physical Data
Issue D · 08.04
A subsidiary of
TT electronics plc
Welwyn Components
L
D
f
d
Construction
A high quality ceramic substrate is assembled with
interference fit end caps to which are welded the termination
wires. The resistive element is wound on the substrate and
welded to the caps. Cement protection is applied to the
resistor body before marking with indelible ink.
Terminations
Material
Solder-coated copper wire on 82, 83, 835, 84,
and 85, solder coated cooper clad steel on 87.
Strength
The terminations meet requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of IEC
115-1, Clause 4.17.3.2.
WA80_D.qxd
8/6/04
10:58 AM
Page 1


Similar Part No. - WA82

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA80Z WELWYN-WA80Z Datasheet
434Kb / 3P
   Cement Coated Surface Mount Wirewound Resistors
WA83-470RFI WELWYN-WA83-470RFI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA83-470RGI WELWYN-WA83-470RGI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA83-470RKI WELWYN-WA83-470RKI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
More results

Similar Description - WA82

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
W30 WELWYN-W30 Datasheet
116Kb / 2P
   Cement Coated Wirewound Resistors
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
   Cement Coated Wirewound Resistors
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
WA80Z WELWYN-WA80Z Datasheet
434Kb / 3P
   Cement Coated Surface Mount Wirewound Resistors
logo
Vishay Siliconix
WSZ6720 VISHAY-WSZ6720 Datasheet
95Kb / 4P
   Leaded Wirewound Resistors, Surface Mount, Cement Coated, High Power
logo
MERITEK ELECTRONICS COR...
SQM MERITEK-SQM Datasheet
222Kb / 6P
   Cement Wirewound Resistors (Radial Type)
logo
Vishay Siliconix
WSZ VISHAY-WSZ_15 Datasheet
102Kb / 3P
   Wirewound Resistors, Surface Mount,Silicone or Cement Coated, High Power
Revision: 02-Apr-14
WSZ7532 VISHAY-WSZ7532 Datasheet
86Kb / 3P
   Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
   General Purpose Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com