Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD005XX5NLGXYYX8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 92HD005XX5NLGXYYX8
Description  4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD005XX5NLGXYYX8 Datasheet(HTML) 1 Page - Integrated Device Technology

  92HD005XX5NLGXYYX8 Datasheet HTML 1Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 2Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 3Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 4Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 5Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 6Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 7Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 8Page - Integrated Device Technology 92HD005XX5NLGXYYX8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 205 page
background image
DATASHEET
4-CHANNEL HD AUDIO CODEC WITH QUAD
DIGITAL MICROPHONE INTERFACE
92HD005/92HD005D
IDT™
1
92HD005/92HD005D
V 1.0 12/06
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
Description
The 92HD005/92HD005D are high fidelity, 4-channel HD
Audio CODECs that enable 2.0 Audio with simultaneous
Real-Time Communication such as VoIP, conferencing,
voice command and control, etc. Up to four digital
microphones are supported, enabling high quality voice
input for increased usability of voice applications.
Features
High performance SD technology
• 95dB DAC SNR
• 90dB ADC SNR
Two stereo DACs and two stereo ADCs
• Supports 2.0 Audio with simultaneous Real-Time
Communication (RTC) channel such as VoIP or separate
stereo audio stream
• Provides mono output for laptop sub-woofer
24-bit resolution with up to 192 KHz sample rates
Supports advanced chipsets with flexible 1.5 V to 3.3 V
signaling
Digital microphone interface
• Direct interface to up to four digital microphones
Analog stereo microphone
• Microphone Boost 0, 10, 20, 30, 40dB
• Five adjustable Vref outputs for microphone bias
Universal Jacks™ functionality for jack retasking
S/PDIF In and Out
Two-pin volume up/down control
Digital PC Beep to all outputs
+3.3 V and +5 V analog power supply options
Optimized and flexible power management
48-pin LQFP and 48-pad QFN environmental package
Software Support
SKPI (Kernel Processing Interface)
• Enables plug-ins that can operate globally on all audio streams
of the system
12 band parametric equalizer SKPI plug-in
• Constant, system-level effects tuned to optimize a particular
platform can be combined with user-mode “presets” tailored for
specific acoustical environments and applications
• System-level effects automatically disabled when external
audio connections made
Dynamics Processing SKPI plug-in
• Enables improved voice articulation
• Compressor/limiter allows higher average noise level without
resonances
Third Party Partners
Dolby PC Entertainment Experience Logo Program
• Dolby Home Theater
(HT)
• Dolby Sound Room
(SR)
Dolby Technologies
• Dolby Headphone
, Dolby Virtual Speaker
• Dolby ProLogic II
, Dolby ProLogic IIx
• Dolby Digital Live
(DDL)
Intel Audio Studio™ from Sonic Focus
Maxx Player™ from Waves
Microphone Beam Forming, Acoustic Echo Cancellation,
and Noise Suppression from Knowles™
Block Diagram
SPDIF
Port A
Port B
Port C
Port D
Port E
Port F
SPDIF In/Out
X


Similar Part No. - 92HD005XX5NLGXYYX8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001DX3PRGXYYX IDT-92HD001DX3PRGXYYX Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001DX5PRGXYYX IDT-92HD001DX5PRGXYYX Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001XX3PRGXYYX IDT-92HD001XX3PRGXYYX Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001XX5PRGXYYX IDT-92HD001XX5PRGXYYX Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - 92HD005XX5NLGXYYX8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
STAC9250 IDT-STAC9250 Datasheet
1,018Kb / 137P
   TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
logo
Asahi Kasei Microsystem...
AK4618VQ AKM-AK4618VQ Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
AK4618 AKM-AK4618 Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Integrated Device Techn...
92HD71B7 IDT-92HD71B7 Datasheet
2Mb / 216P
   4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com