Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCSPUA877ANLG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDTCSPUA877ANLG
Description  1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPUA877ANLG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDTCSPUA877ANLG Datasheet HTML 6Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 7Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 8Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 9Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 10Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 11Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 12Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 13Page - Integrated Device Technology IDTCSPUA877ANLG Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IDTCSPUA877A
1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALTEMPERATURERANGE
TEST CIRCUIT AND SWITCHING WAVEFORMS
Dynamic Phase Offset
Time Delay Between Output Enable (OE) and Clock Output (Y, Y)
OE
Y/
Y
OE
50% VDDQ
tEN
50% VDDQ
50% VDDQ
tDIS
50% VDDQ
Y
Y
Y
Y
FBIN
CLK
t(Ø)DYN
t(Ø)
t(Ø)DYN
SSC ON
SSC OFF
CLK
FBIN
t(Ø)DYN
t(Ø)
t(Ø)DYN
SSC ON
SSC OFF


Similar Part No. - IDTCSPUA877ANLG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877ABV IDT-IDTCSPU877ABV Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877ABV IDT-IDTCSPU877ABV Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877ABVG IDT-IDTCSPU877ABVG Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877ABVG IDT-IDTCSPU877ABVG Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPUA877ANLG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com