Part Name
         Description
IDT7164S_07

 CMOS Static RAM 64K (8K x 8-Bit) ( 11 Page)


IDT
100% 
Zoom Out Zoom In
 6 page
background image
6
IDT7164S/L
CMOS Static RAM 64K (8K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
AC Electrical Characteristics (con't.) (VCC= 5.0V ± 10%, Military Temperature Ranges)
NOTES:
1. Both chip selects must be active for the device to be selected.
2. This parameter is guaranteed by device characterization, but is not production tested.
Symbol
Parameter
7164S45
7164L45
7164S55
7164L55
7164S70
7164L70
7164S85/100
7164L85/100
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
45
____
55
____
70
____
85/100
____
ns
tAA
Address Access Time
____
45
____
55
____
70
____
85/100
ns
tACS1(1)
Chip Select-1 Access Time
____
45
____
55
____
70
____
85/100
ns
tACS2(1)
Chip Select-2 Access Time
____
45
____
55
____
70
____
85/100
ns
tCLZ1,2(2)
Chip Select-1, 2 to Output in Low-Z
5
____
5
____
5
____
5
____
ns
tOE
Output Enable to Output Valid
____
25
____
30
____
35
____
40
ns
tOLZ(2)
Output Enab le to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tCHZ1,2(2)
Chip Select-1,2 to Output in High-Z
____
20
____
25
____
30
____
35
ns
tOHZ(2)
Output Disab le to Output in High-Z
____
20
____
25
____
30
____
35
ns
tOH
Output Hold from Address Change
5
____
5
____
5
____
5
____
ns
tPU(2)
Chip Sele ct to Power Up Time
0
____
0
____
0
____
0
____
ns
tPD(2)
Chip Deselect to Power Down Time
____
45
____
55
____
70
____
85/100
ns
Write Cycle
tWC
Write Cycle Time
45
____
55
____
70
____
85/100
____
ns
tCW1,2
Chip Select to End-of-Write
33
____
50
____
60
____
75
____
ns
tAW
Address Valid to End-of-Write
33
____
50
____
60
____
75
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
25
____
50
____
60
____
75
____
ns
tWR1
Write Recovery Time (
CS1, WE)0
____
0
____
0
____
0
____
ns
tWR2
Write Recovery Time (CS2)5
____
5
____
5
____
5
____
ns
tWHZ(2)
Write Enab le to Output in High-Z
____
18
____
25
____
30
____
35
ns
tDW
Data to Write Time Overlap
20
____
25
____
30
____
35
____
ns
tDH1
Data Hold from Write Time (
CS1, WE)0
____
0
____
0
____
0
____
ns
tDH2
Data Hold from Write Time (CS2)5
____
5
____
5
____
5
____
ns
tOW(2)
Output Active from End-of-Write
4
____
4
____
4
____
4
____
ns
2967 tbl 13



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDM6116ACHigh-Reliability CMOS 2048-Word by 8-bit LSI Static RAM 1 2 3 4 5 List of Unclassifed Manufacturers
HM628128LP131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
IS61SP646464K x 64 SYNCHRONOUS PIPELINE STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
CAT22C10_04256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
AM49DL640AH64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreSPANSION
IS62LV12816BLL128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
AM49PDL127AH128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit CMOS Pseudo Static RAM 1 2 3 4 5 MoreSPANSION
HM6208H65 536-word ´ 4-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
IDT6116SACMOS STATIC RAM 16K 2K x 8 BIT 1 2 3 4 5 MoreIntegrated Device Technology
AM49DL320BG32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 2M x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl