Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTVS512QGT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTVS512QGT
Description  WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTVS512QGT Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTVS512QGT Datasheet HTML 1Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 2Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 3Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 4Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 5Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 6Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 7Page - Integrated Device Technology IDTVS512QGT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IDTVS512
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
COMMERCIAL TEMPERATURE RANGE
WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
2
IDTVS512
7013/7
CONFIDENTIAL
Pin Configuration
Absolute Maximum Ratings
Capacitance (TA = +25°C, f = 1.0MHz)
VDD
YA
GND
VDD
YB
YC
GND
YD
VDD
GND
YE
CTL
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A0
A1
B0
B1
GND
VDD
C0
D0
C1
D1
E0
E1
QSOP
TOP VIEW
Symbol
Rating
Min
Max1
Unit
TSTG
Storage Temperature Range
– 65
+150
°C
Supply Voltage to GND Potential
– 0.5
+4
V
DC Input Voltage
– 0.5
+5.5
V
DC Output Current
120
mA
Power Dissipation
0.5
W
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extend-
ed periods may affect reliability.
Symbol
Parameter
Conditions
Typ
Max1
1. As applicable to the device type.
Unit
CIN
Input Capacitance
VIN = 0V
2
3
pF
COFF(IN0, IN1)
Port I Capacitance, Switch OFF
VIN = 0V
4
6
pF
CON(Y/I)
Y/I Port Capacitance, Switch ON
VIN = 0V
6
10
pF


Similar Part No. - IDTVS512QGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG IDT-IDTVS330DCG Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG8 IDT-IDTVS330DCG8 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG IDT-IDTVS330QG Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG8 IDT-IDTVS330QG8 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
More results

Similar Description - IDTVS512QGT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
STMAV335 STMICROELECTRONICS-STMAV335 Datasheet
1Mb / 21P
   Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Burr-Brown (TI)
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
   Wide Bandwidth SIGNAL MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com