Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88151APNF-G-401-JNEFE1 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB88151APNF-G-401-JNEFE1
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88151APNF-G-401-JNEFE1 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB88151APNF-G-401-JNEFE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB88151APNF-G-401-JNEFE1 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MB88151A
6
■ PIN SETTING
When changing the pin setting, the stabilization wait time for the modulation clock is required. The stabilization
wait time for the modulation clock take the maximum value of “
■ ELECTRICAL CHARACTERISTICS • AC
Characteristics Lock-up time”.
ENS modulation enable setting (MB88151A-100/200/400/500/800)
Note : Spectrum does not spread when “L” is set to ENS. The clock with low jitter can be obtained. Because of ENS
has Pull-up resistance, spectrum spread when “H” is set to it or open the terminal.
XPD Power down setting (MB88151A-101/201/401/501/801)
Note : CKOUT of output pins are fixed to “L” output during power down.
SEL0, SEL1 Modulation rate setting
Note : The modulation rate can be changed at the level of the terminal.
ENS
Modulation
L
No modulation
H
Modulation
XPD
Status
L
Power down Status
H
Operating status
SEL1
SEL0
Modulation rate
Modulation type
LL
± 1.5%
Center spread
LH
± 0.5%
Center spread
HL
− 1.0%
Down spread
HH
− 3.0%
Down spread


Similar Part No. - MB88151APNF-G-401-JNEFE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB88151APNF-G-100-JNE1 CYPRESS-MB88151APNF-G-100-JNE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNEFE1 CYPRESS-MB88151APNF-G-100-JNEFE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNERE1 CYPRESS-MB88151APNF-G-100-JNERE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-200-JNE1 CYPRESS-MB88151APNF-G-200-JNE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-200-JNEFE1 CYPRESS-MB88151APNF-G-200-JNEFE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88151APNF-G-401-JNEFE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com