Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRX-005SL-915SC4800SQRA-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MRX-005SL-915SC4800SQRA-B
Description  UHF AM RECEIVER MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MRX-005SL-915SC4800SQRA-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MRX-005SL-915SC4800SQRA-B Datasheet HTML 1Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 2Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 3Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 4Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 5Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 6Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 7Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 8Page - List of Unclassifed Manufacturers MRX-005SL-915SC4800SQRA-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MRX-005S
UHF AM RECEIVER MODULE
-Page 4-
Mechanical and Pin Diagram
Pin Num Pin Name
Description
Pin Num Pin Name
Description
Pin 1
Ant
RF Input (50 Ohms)
Pin 13
N/C
No Connect
Pin 2
Gnd
Ground
Pin 14
N/C
No Connect
Pin 3
Gnd
Ground
Pin 15
N/C
No Connect
Pin 4
Gnd
Ground
Pin 16
DO
Data Output (0-5V)
Pin 5
Gnd
Ground
Pin 17
N/C
No Connect
Pin 6
Gnd
Ground
Pin 18
N/C
No Connect
Pin 7
N/C
No Connect
Pin 19
T/R
T/R Control Switch (0-5V)
Pin 8
N/C
No Connect
Pin 20
N/C
No Connect
Pin 9
N/C
No Connect
Pin 21
SHUT
Shutdown (0-5V)
Pin 10
N/C
No Connect
Pin 22
REG-EN
Regulator Enable (2-VCC)
Pin 11
N/C
No Connect
Pin 23
+5V
Regulated Output (5V)
Pin 12
N/C
No Connect
Pin 24
+VIN
Positive Supply Pin (5-16V)
Pin Description
PRELIMINARY
* Note: Pinouts of surface mount and through-hole packages are mirrored
Surface Mount Package


Similar Part No. - MRX-005SL-915SC4800SQRA-B

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MRX05-1A71 MEDER-MRX05-1A71 Datasheet
1Mb / 4P
   Ex-approved-Reed Relays
MRX05-1A71_DE MEDER-MRX05-1A71_DE Datasheet
99Kb / 2P
   (deutsch) MRX Reed Relay
MRX05-1A79 MEDER-MRX05-1A79 Datasheet
85Kb / 2P
   MRX Reed Relay
MRX05-1A79_DE MEDER-MRX05-1A79_DE Datasheet
102Kb / 2P
   (deutsch) MRX Reed Relay
MRX05-1C21 MEDER-MRX05-1C21 Datasheet
85Kb / 2P
   MRX Reed Relay
More results

Similar Description - MRX-005SL-915SC4800SQRA-B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com