Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRX-005SL-915D2400SQRA-B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MRX-005SL-915D2400SQRA-B
Description  UHF AM RECEIVER MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MRX-005SL-915D2400SQRA-B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MRX-005SL-915D2400SQRA-B Datasheet HTML 1Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 2Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 3Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 4Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 5Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 6Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 7Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 8Page - List of Unclassifed Manufacturers MRX-005SL-915D2400SQRA-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MRX-005S
UHFAM RECEIVER MODULE
The MRX-005S is an on-off keyed (OOK) high perfor-
mance, ultra compact receiver operating at the 902-928
MHz band. This integrated modularized receiver is pri-
marily intended for use in part 15.231 and 15.249 sys-
tems. Because all tuning is automatic and the module func-
tions are completely integrated, this module is both a
highly reliable and low cost solution for high volume wire-
less applications. An external antenna is the only compo-
nent required, therefore the receiver can be easily inte-
grated into other applications. The MRX-005S contains
Typical Applications
Remote controls
Garage openers / Gate controls
Keyless entry
Lighting control
Continuous / Periodic data transfer
Domestic / Commercial security
Fire / Security alarms
General wire elimination
Key Features
Low cost
Wide supply voltage range
Commonly employed RKE frequencies
Wide operating temperature range
Easily integrated
Low power consumption
Compact surface-mount packages
5V operation
Data rates up to 115kbps
1.2 MHz receive bandwidth
Small size
Power down pin
No production tuning
-Page 2-
PRELIMINAR
Y
two features that are not found in the MRX-005. The MRX-005S contains a SAW filter and/or a low
noise amplifier, which reduce noise and increase sensitivity and selectivity.
The MRX-005S offers a transit standby mode and a shutdown mode. These features make the
MRX-005S perfect for power applications in both one-way and bi-directional wireless links. Post-
detection data filtering is internal to the receiver, and normal filter bandwidth is fixed at 300kHz. The
MRX-005S is a well-designed receiver suitable for a variety of RF applications.
Contact Information
Radios, Inc.
1408 Center Avenue
Oostburg, WI 53070
Phone: 920-564-6622
Fax: 920-564-6630
Email: sales@radiosinc.com


Similar Part No. - MRX-005SL-915D2400SQRA-B

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MRX05-1A71 MEDER-MRX05-1A71 Datasheet
1Mb / 4P
   Ex-approved-Reed Relays
MRX05-1A71_DE MEDER-MRX05-1A71_DE Datasheet
99Kb / 2P
   (deutsch) MRX Reed Relay
MRX05-1A79 MEDER-MRX05-1A79 Datasheet
85Kb / 2P
   MRX Reed Relay
MRX05-1A79_DE MEDER-MRX05-1A79_DE Datasheet
102Kb / 2P
   (deutsch) MRX Reed Relay
MRX05-1C21 MEDER-MRX05-1C21 Datasheet
85Kb / 2P
   MRX Reed Relay
More results

Similar Description - MRX-005SL-915D2400SQRA-B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com