Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88151APNF-G-101-JNE1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB88151APNF-G-101-JNE1
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88151APNF-G-101-JNE1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB88151APNF-G-101-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 13Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 14Page - Fujitsu Component Limited. MB88151APNF-G-101-JNE1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MB88151A
11
• AC Characteristics
(Ta
= − 40 °C to + 85 °C, VDD = 3.3 V ± 0.3 V, VSS = 0.0 V)
Note : The modulation clock stabilization wait time is required after the power is turned on, the IC recovers from
power saving, or after FREQ (frequency range) or ENS (modulation ON/OFF) setting is changed. For the
modulation clock stabilization wait time, assign the maximum value for lock-up time.
Parameter
Symbol
Pin
Conditions
Value
Unit
Min
Typ
Max
Oscillation frequency
fx
XIN,
XOUT
Fundamental
oscillation
8.3
33.4
MHz
Input frequency
fin
XIN
External clock input
(multiply-by-1, 2, 4,
divided by 2)
16.6
33.4
MHz
External clock input
(multiply-by-8)
8.3
16.7
Output frequency
fOUT
CKOUT
MB88151A-100/101
(Multiply by 1)
16.6
33.4
MHz
MB88151A-200/201
(Multiply by 2)
33.2
66.8
MB88151A-400/401
(Multiply by 4)
66.4
133.6
MB88151A-500/501
(2-frequency division)
8.3
16.7
MB88151A-800/801
(multiply-by-8)
66.4
133.6
Output slew rate
SR
CKOUT
0.4 V to 2.4 V
Load capacitance 15 pF
0.4
4.0
V/ns
Output clock duty cycle
tDCC
CKOUT
1.5 V
40
60
%
Modulation period
(Number of input clocks
per modulation)
fMOD
(nMOD)
CKOUT
MB88151A-100/101,
MB88151A-200/201,
MB88151A-400/401,
MB88151A-500/501
fin/2200
(2200)
fin/1900
(1900)
fin/1600
(1600)
kHz
(clks)
MB88151A-800/801
fin/880
(880)
fin/760
(760)
fin/640
(640)
kHz
(clks)
Lock-up time
tLK
CKOUT
8.3 MHz to 80 MHz
25
ms
80 MHz to 133.6 MHz
38
Cycle-cycle jitter
tJC
CKOUT
MB88151A-100/101,
MB88151A-200/201
No load capacitance,
Ta
= + 25 °C, VDD = 3.3 V
⎯⎯
100
ps-rms
MB88151A-400/401,
MB88151A-800/801
No load capacitance,
Ta
= + 25 °C, VDD = 3.3 V
⎯⎯
150
MB88151A-500/501
No load capacitance,
Ta
= + 25 °C, VDD = 3.3 V
⎯⎯
200


Similar Part No. - MB88151APNF-G-101-JNE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB88151APNF-G-100-JNE1 CYPRESS-MB88151APNF-G-100-JNE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNEFE1 CYPRESS-MB88151APNF-G-100-JNEFE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
MB88151APNF-G-100-JNERE1 CYPRESS-MB88151APNF-G-100-JNERE1 Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88151APNF-G-101-JNE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com