Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9540 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9540
Description  Graphics Video Sync Adder/Extractor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9540 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9540 Datasheet HTML 6Page - Maxim Integrated Products MAX9540 Datasheet HTML 7Page - Maxim Integrated Products MAX9540 Datasheet HTML 8Page - Maxim Integrated Products MAX9540 Datasheet HTML 9Page - Maxim Integrated Products MAX9540 Datasheet HTML 10Page - Maxim Integrated Products MAX9540 Datasheet HTML 11Page - Maxim Integrated Products MAX9540 Datasheet HTML 12Page - Maxim Integrated Products MAX9540 Datasheet HTML 13Page - Maxim Integrated Products MAX9540 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
The bypass capacitors should include a 0.1µF ceramic
surface-mount capacitor between each supply pin and
the ground plane, located as close to the package as
possible. Optionally, place a 10µF tantalum capacitor
at the power-supply pins’ points of entry to the PC
board to ensure the integrity of incoming supplies. The
power-supply trace should lead directly from the tanta-
lum capacitor to the VCC and VEE pins. To minimize
parasitic inductance, keep PC traces short and use
surface-mount components.
Use surface-mount resistors for input termination and
output back termination. Place the termination resistors
as close to the IC as possible.
Graphics Video Sync Adder/Extractor
10
______________________________________________________________________________________
VIDEO INPUT
(IN_)
HOR. SYNC
(HSYNC)
VER. SYNC
(VSYNC)
RED OUTPUT
(OUT_R)
BLUE OUTPUT
(OUT_B)
GREEN OUTPUT
(OUT_G)
0V
0.7V
0V
0V
0V
0V
0V
-2.4V
-2.4V
1.4V
-2.4V
1.4V
1.4V
5V
5V
Figure 2. MAX9539 Input and Output Functionality
VIDEO OUTPUT
(OUT_R/B/G)
SYNC OUTPUT
(_SYNC)
0V
1.4V
0V
5V
VIDEO WITH
SYNC
(IN_)
0.7V
-2.4V
Figure 3. MAX9540 Input and Output Functionality
POSITIVE SYNC
NEGATIVE SYNC
+5V
0V
+5V
0V
Figure 4. Sync Pulse Polarity


Similar Part No. - MAX9540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX954 MAXIM-MAX954 Datasheet
114Kb / 12P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Rev 1; 7/97
MAX954 MAXIM-MAX954 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9541 MAXIM-MAX9541 Datasheet
347Kb / 16P
   Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
Rev 0; 2/09
MAX9541 MAXIM-MAX9541 Datasheet
134Kb / 6P
   Fully Assembled and Tested
Rev 0; 2/09
MAX9541AEE++ MAXIM-MAX9541AEE+ Datasheet
347Kb / 16P
   Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
Rev 0; 2/09
More results

Similar Description - MAX9540

ManufacturerPart #DatasheetDescription
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com