Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR5 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PR5
Description  Precision Metal Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PR5 Datasheet(HTML) 1 Page - Welwyn Components Limited

  PR5 Datasheet HTML 1Page - Welwyn Components Limited PR5 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Metal
Film Resistors
PR series
Low cost precision resistors
Tolerances down to ±0.1%
TCR down to 15ppm/°C
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
PR4
6.2
2.5
21
0.6
10.2
0.6
0.3
PR5
9.0
3.6
19.6
0.8
12.7
1.2
0.5
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
PR4
PR5
Power rating at 70°C
watts
0.25
0.5
Resistance range
ohms
100R – 240K
100R – 1M
Limiting element voltage
volts
250
350
TCR*
ppm/°C
25
25
Resistance tolerance
%
0.1, 0.25, 0.5, 1
0.1, 0.25, 0.5, 1
Standard values
E192
E192
Thermal impedance
°C/watt
140
112
Ambient temperature range
°C
-55 to 155
Electrical Data
Physical Data
Issue C · 04.03
A subsidiary of
TT electronics plc
Welwyn Components
182
L
D
f
d
*15ppm/°C available by request
Construction
The resistance element is a precisely controlled thin film of
metal alloy sputtered on to a high purity ceramic core,
protected by a moisture-resistant, high dielectric strength
coating applied so that terminations remain completely clear.
This permits a well defined body length (clean lead to clean
lead dimension L).
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
Resistors are colour coded with 5 bands. IEC 62 colours are
used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
PR_C.qxd
1/5/03
8:58 am
Page 1


Similar Part No. - PR5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR5 CML-PR5 Datasheet
222Kb / 1P
   B-6 Single Bayonet Base
logo
Visual Communications C...
PR5 VCC-PR5 Datasheet
26Kb / 1P
   Single Bayonet Base
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR5 CUID-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
logo
CUI INC
PR5-12V-200-1A CUI-PR5-12V-200-1A Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
More results

Similar Description - PR5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
   PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
   Precision Metal Film Resistors
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
   PRECISION METAL FILM RESISTORS
logo
Riedon Powertron
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com