Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78815AQ Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78815AQ
Description  8 Bit Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78815AQ Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78815AQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78815AQ Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
EM78815
8-Bit Microcontroller
Product Specification (V2.4) 08.01.2004
3
(This specification is subject to change without further notice)
2.6 Call Waiting
Operating Voltage: 2.4V~3.6V
Compatible with Bellcore special report SR-TSV-002476
Call-Waiting (2130Hz plus 2750Hz) Alert Signal Detector
Good talk-down and talk-off performance
Sensitivity compensated by adjusting input OP gain
2.7 External LCD controller (64
× 256 dot max for a pair of
Master and Slave LCD Driver)
Multi-chip operation (Master, Slave) available for external LCD device
2.8 Package Type
105-pin Chip: EM78815H
128-pin QFP: (EM78815AQ, POVD disable) (EM78815BQ, POVD enable)
3
Application
SMS phone
Feature phones


Similar Part No. - EM78815AQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78811 EMC-EM78811 Datasheet
162Kb / 33P
   8-BIT MICRO-CONTROLLER FOR TELECOM PRODUCT
More results

Similar Description - EM78815AQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com