Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W0603HT Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # W0603HT
Description  High Temperature TaNFilm짰 Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

W0603HT Datasheet(HTML) 1 Page - Welwyn Components Limited

  W0603HT Datasheet HTML 1Page - Welwyn Components Limited W0603HT Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Welwyn Components
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
PFC Hi Temp Series Issue June 2006
Non-leaching
Nickel barrier
Wrap around
termination
Ultra stable Tantalum Nitride
resistor film system
High Temperature
TaNFilm® Chip Resistors
PFC HT Series
Available in industry standard 0603, 0805 and 1206 chip sizes
Gold and 100% tin (Pb-free) terminations available
Self-passivating TaNFilm® element
Absolute TCR to ±25ppm/°C
Physical Data
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
W0603
1.60±0.1
0.79 ±0.1
0.51 ±0.1
0.30±0.13
0.38±0.13
W0805
2.06±0.13
1.27±0.13
0.51±0.1
0.41±0.20
0.41±0.20
W1206
3.20±0.15
1.60±0.13
0.61±0.1
0.64±0.25
0.64±0.25
Electrical Data
Model
Ohmic Range
Absolute TCR
Rated
Power
Rated Voltage
(not to exceed
rated power)
Temperature
Range
Termination
Substrate
W0603HT
10W to 10KW
±100ppm/°C
0.0625W
33.3V
-55°C to 200°C
Gold and 100%
tin (Pb-free)
99.5%
Alumina
25W to 10KW
±50ppm/°C
50W to 10KW
±25ppm/°C
W0805HT
10W to 20KW
±100ppm/°C
0.100W
50V
25W to 20KW
±50ppm/°C
50W to 20KW
±25ppm/°C
W1206HT
5W to 85KW
±100ppm/°C
0.125W
100V
25W to 85KW
±50ppm/°C
50W to 85KW
±25ppm/°C


Similar Part No. - W0603HT

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
W0603HT TTELEC-W0603HT Datasheet
668Kb / 2P
   Available in industry standard 0603
More results

Similar Description - W0603HT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CHR-HT0603 RHOPOINT-CHR-HT0603 Datasheet
377Kb / 1P
   High Temperature Chip Resistors
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
logo
RCD COMPONENTS INC.
FC1206-10R0-GB302 RCD-FC1206-10R0-GB302 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
   High Temperature Bondable Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com