Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVIULC6-4SC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # DVIULC6-4SC6
Description  Ultra low capacitance ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-4SC6 Datasheet(HTML) 4 Page - STMicroelectronics

  DVIULC6-4SC6 Datasheet HTML 1Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 2Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 3Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 4Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 5Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1 Surge protection
DVIULC6-4SC6
4/12
Technical information
1
Surge protection
The DVIULC6-4SC6 is particularly optimized to perform ESD surge protection based on the rail
to rail topology.
The clamping voltage VCL can be calculated as follow:
with: VF = VT + Rd.Ip
(VF forward drop voltage) / (VT forward drop threshold voltage)
We assume that the value of the dynamic resistance of the clamping diode is typically:
Rd = 1.4 Ω and VT = 1.2 V.
For an IEC61000-4-2 surge Level 4 (Contact Discharge: Vg=8 kV, Rg=330 Ω), VBUS = +5 V, and
if in first approximation, we assume that: Ip = Vg / Rg = 24 A.
So, we find:
Note:
The calculations do not take into account phenomena due to parasitic inductances.
VCL+ = VBUS + VF
for positive surges
VCL- = - VF
for negative surges
VCL+ = +39 V
VCL- = -34 V


Similar Part No. - DVIULC6-4SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-4SC6Y STMICROELECTRONICS-DVIULC6-4SC6Y Datasheet
203Kb / 12P
   Automotive ultralow capacitance ESD protection
September 2012 Rev 2
More results

Similar Description - DVIULC6-4SC6

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
   Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
   Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
   Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605C4C6-AU PANJIT-PE1605C4C6-AU Datasheet
339Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
August 7,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com