Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70P3537 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70P3537
Description  512K/256K x36 SYNCHRONOUS DUAL QDR-II
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P3537 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70P3537 Datasheet HTML 1Page - Integrated Device Technology IDT70P3537 Datasheet HTML 2Page - Integrated Device Technology IDT70P3537 Datasheet HTML 3Page - Integrated Device Technology IDT70P3537 Datasheet HTML 4Page - Integrated Device Technology IDT70P3537 Datasheet HTML 5Page - Integrated Device Technology IDT70P3537 Datasheet HTML 6Page - Integrated Device Technology IDT70P3537 Datasheet HTML 7Page - Integrated Device Technology IDT70P3537 Datasheet HTML 8Page - Integrated Device Technology IDT70P3537 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
18/9Mb x36 IDT70P3537/70P3517
SYNCHRONOUS Dual QDR-IITM
Preliminary Datasheet
Commercial Temperatue Range
2
July 16, 2007
EP0
413
512
611
710
8
9
14
15
16
21
20
19
18
17
22
23
24
5677 drw
MRST
413
512
611
710
8
9
14
15
16
21
20
19
18
17
22
23
24
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
ZQR
3
3
VSS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
VSS
D17R
12
A1 BALL PAD CORNER
12
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQR
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VSS
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDDQL
VDD
VDDQR
VDDQR
VDDQR
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
VDD
VDD
VSS
DEPTH
VDDQR
D15R
D16R
Q17R
D13R
D14R
Q15R
Q16R
Q13R
Q14R
D11R
D12R
D10R
Q11R
Q12R
VREFR
Q9R
Q10R
Q8R
CQR
D9R
D8R
D7R
D6R
VSS
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
Q6R
Q7R
D5R
D4R
Q4R
Q5R
D3R
D2R
Q2R
Q3R
D1R
D0R
Q0R
Q1R
D16L
D17L
Q17L
Q16L
D14L
D15L
Q15L
Q14L
D12L
D13L
Q13L
Q12L
D10L
D11L
Q11L
Q10L
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VREFL
Q9L
CQL
D9L
Q8L
Q7L
D7L
D8L
Q6L
Q5L
D5L
D6L
Q4L
Q3L
D3L
D4L
Q2L
Q1L
D1L
D2L
Q0L
VDDQL
D0L
ZQL
TMS
TDI
VSS
A0L
A1L
A6L
A7L
KL
KL
CL
CL
A4L
A5L
EP1
A2L
A3L
RL
E0R
E1R
A2R
A3R
A4R
A5R
A0R
A1R
A6R
A7R
KR
KR
CR
CR
RR
BW0R
BW1R
BW3R
BW2R
VREFR
A8R
A9R
A14R
A15R
A12R
A13R
INC
WR
VSS
VSS
A10R
A11R
A16R
A17R
Q35R
DOFFR
D35R
D34R
D33R
D32R
D31R
D30R
D29R
Q33R
Q34R
Q31R
Q32R
D27R
Q29R
Q30R
D28R
D26R
Q27R
Q28R
Q26R
CQR
D25R
D24R
Q24R
Q25R
VREFR
E1L
E0L
BW1L
BW0L
VREFL
BW2L
BW3L
A8L
A9L
A14L
A15L
A12L
A13L
INC
WL
A10L
A11L
A16L
A17L
VSS
VDD
VDD
VDD
VDDQL
VDDQL
VDDQL
VSS
VSS
VDD
VDD
VSS
VSS
TDO
TCK
TRST
D18L
D20L
D19L
D22L
D21L
D24L
D23L
D25L
VREFL
DOFFL
Q18L
Q19L
Q20L
Q21L
Q22L
Q23L
Q24L
Q25L
Q26L
CQL
Q27L
D27L
D26L
D29L
D28L
Q28L
Q29L
D31L
D30L
Q30L
Q31L
VSS
VSS
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDDQR
D33L
D32L
Q32L
Q33L
D35L
D34L
Q34L
Q35L
D18R
D19R
Q19R
Q18R
D20R
D21R
Q21R
Q20R
D22R
D23R
Q23R
Q22R
Pin Configuration
NOTE:
1. The package is 25mm x 25mm x 2.55mm with 1.0mm ball pitch; the customer will have to provide external airflow of 100LFM (0.5m/s) or higher at 250MHz.
70P3537
70P3517
RM-576 Ball Flip Chip BGA
Top View


Similar Part No. - IDT70P3537

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35L20BF IDT-IDT70P35L20BF Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35L20BFI IDT-IDT70P35L20BFI Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35L20BY IDT-IDT70P35L20BY Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35L20BYI IDT-IDT70P35L20BYI Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70P3537

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
logo
Integrated Silicon Solu...
IS61LF12836EC-6.5TQ ISSI-IS61LF12836EC-6.5TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
logo
Cypress Semiconductor
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
White Electronic Design...
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Cypress Semiconductor
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com