Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES24NT3ZABX Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 89HPES24NT3ZABX
Description  24-Lane 3-Port Non-Transparent PCI Express짰 Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES24NT3ZABX Datasheet(HTML) 2 Page - Integrated Device Technology

  89HPES24NT3ZABX Datasheet HTML 1Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 2Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 3Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 4Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 5Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 6Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 7Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 8Page - Integrated Device Technology 89HPES24NT3ZABX Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2 of 31
April 11, 2007
IDT 89HPES24NT3 Data Sheet
*Notice: The information in this document is subject to change without notice
Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates twenty-four 2.5 Gbps embedded full duplex
SerDes, 8B/10B encoder/decoder (no separate transceivers
needed)
Reliability, Availability, and Serviceability (RAS) Features
– Upstream port can be dynamically swapped with non-trans-
parent downstream port to support failover applications
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports ECRC pass-through in transparent and non-trans-
parent ports
– Supports Hot-Swap
Power Management
– Supports PCI Power Management Interface specification,
Revision 1.1 (PCI-PM)
– Unused SerDes are disabled
Testability and Debug Features
– Built in SerDes Pseudo-Random Bit Stream (PRBS) generator
– Ability to read and write any internal register via the SMBus
– Ability to bypass link training and force any link into any mode
– Provides statistics and performance counters
Two SMBus Interfaces
– Slave interface provides full access to all software-visible
registers by an external SMBus master
– Master interface provides connection for an optional serial
EEPROM used for initialization
– Master interface is also used by an external Hot-Plug I/O
expander
– Master and slave interfaces may be tied together so the switch
can act as both master and slave
Eight General Purpose Input/Output pins
Packaged in 27x27mm 420-ball BGA with 1mm ball spacing
Product Description
Utilizing standard PCI Express interconnect, the PES24NT3 provides
the most efficient high-performance I/O connectivity solution for applica-
tions requiring high throughput, low latency, and simple board layout
with a minimum number of board layers. With support for non-trans-
parent bridging, the PES24NT3, as a standalone switch or as a chipset
with IDT PCIe System Interconnect Switches, enables multi-host and
intelligent I/O applications requiring inter-domain communication. The
PES24NT3 provides 96 Gbps (12 GBps) of aggregated, full-duplex
switching capacity through 24 integrated serial lanes, using proven and
robust IDT technology. Each lane provides 2.5 Gbps of bandwidth in
both directions and is fully compliant with PCI Express Base specifica-
tion 1.0a.
The PES24NT3 is based on a flexible and efficient layered architec-
ture. The PCI Express layer consists of SerDes, Physical, Data Link and
Transaction layers in compliance with PCI Express Base specification
Revision 1.0a. The PES24NT3 can operate either as a store and
forward or cut-through switch depending on the packet size and is
designed to switch memory and I/O transactions. It supports eight Traffic
Classes (TCs) and one Virtual Channel (VC) with sophisticated
resource management. This includes round robin port arbitration, guar-
anteeing bandwidth allocation and/or latency for critical traffic classes in
applications such as high throughput 10 GbE I/Os, SATA controllers,
and Fibre Channel HBAs.
Switch Configuration
The PES24NT3 is a three port switch that contains 24 PCI Express
lanes. Each of the three ports is statically allocated 8 lanes with ports
labeled as A, B and C. Port A is the upstream port, port B is the trans-
parent downstream port, and port C is the non-transparent downstream
port.
During link training, link width is automatically negotiated. Each
PES24NT3 port is capable of independently negotiating to a x8, x4, x2
or x1 width. Thus, the PES24NT3 may be used in virtually any three port
switch configuration (e.g., {x8, x8, x8}, {x4, x4, x4}, {x4, x2, x1}, etc.).
The PES24NT3 supports static lane reversal. For example, lane
reversal for upstream port A may be configured by asserting the PCI
Express Port A Lane Reverse (PEALREV) input signal or through serial
EEPROM or SMBus initialization. Lane reversal for ports B and C may
be enabled via a configuration space register, serial EEPROM, or the
SMBus.


Similar Part No. - 89HPES24NT3ZABX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES24NT3 RENESAS-89HPES24NT3 Datasheet
1Mb / 32P
   24-Lane 3-Port Non-Transparent PCI Express® Switch
January 5, 2009
More results

Similar Description - 89HPES24NT3ZABX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
   12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
   8-Lane 2-Port Non-Transparent PCI Express짰 Switch
89HPES24N3A IDT-89HPES24N3A Datasheet
55Kb / 2P
   24-Lane 3-Port PCI Express짰 Switch
89HPES16NT2 IDT-89HPES16NT2 Datasheet
53Kb / 3P
   16-Lane 2-Port Non-Transparent PCI Express짰 Switch
logo
Renesas Technology Corp
PES24NT3 RENESAS-PES24NT3 Datasheet
1Mb / 32P
   24-Lane 3-Port Non-Transparent PCI Express® Switch
January 5, 2009
logo
Integrated Device Techn...
89HPES24T6 IDT-89HPES24T6 Datasheet
56Kb / 2P
   24-Lane 6-Port PCI Express짰 Switch
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89PES12N3 IDT-89PES12N3 Datasheet
54Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89HPES12NT3 RENESAS-89HPES12NT3 Datasheet
862Kb / 30P
   12-lane 3-Port Non-Transparent PCI Express® Switch
February 19, 2009
logo
Integrated Device Techn...
89HPES48T12 IDT-89HPES48T12 Datasheet
1Mb / 47P
   48-Lane 12-Port PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com