Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS621MI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS621MI
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS621MI Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS621MI Datasheet HTML 1Page - Integrated Device Technology ICS621MI Datasheet HTML 2Page - Integrated Device Technology ICS621MI Datasheet HTML 3Page - Integrated Device Technology ICS621MI Datasheet HTML 4Page - Integrated Device Technology ICS621MI Datasheet HTML 5Page - Integrated Device Technology ICS621MI Datasheet HTML 6Page - Integrated Device Technology ICS621MI Datasheet HTML 7Page - Integrated Device Technology ICS621MI Datasheet HTML 8Page - Integrated Device Technology ICS621MI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
2
ICS621
REV B 030907
Pin Assignment (8-pin SOIC)
Pin Assignment (8-pin DFN)
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01
µF
should be connected between VDD on pin 7 and GND on pin 6, as close to the device as possible. A 33
Ω series
terminating resistor may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the ICS621 is capable of, careful attention must be paid to board layout.
Essentially, all four outputs must have identical terminations, identical loads and identical trace geometries. If they
do not, the output skew will be degraded. For example, using a 30
Ω series termination on one output (with 33Ω on
the others) will cause at least 15 ps of skew.
1
2
3
4
5
6
7
8
ICLK
Q1
Q2
Q3
Q4
OE
VDD
GND
1
Q3
Q2
GND
VDD
Q1
Q4
ICLK
OE
5
8
4
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock Input. 3.3 V tolerant input.
2
Q1
Output
Clock Output 1.
3
Q2
Output
Clock Output 2.
4
Q3
Output
Clock Output 3.
5
Q4
Output
Clock Output 4.
6
GND
Power
Connect to ground.
7
VDD
Power
Connect to +1.2 V or +1.8 V.
8
OE
Input
Output Enable. Tri-states outputs when low. Connect to VDD for normal operation.


Similar Part No. - ICS621MI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS621 IDT-ICS621 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS621MI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com