Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES48T12ZABR Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 89HPES48T12ZABR
Description  48-Lane 12-Port PCI Express짰 Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES48T12ZABR Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 89HPES48T12ZABR Datasheet HTML 6Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 7Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 8Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 9Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 10Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 11Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 12Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 13Page - Integrated Device Technology 89HPES48T12ZABR Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10 of 47
July 19, 2007
IDT 89HPES48T12 Data Sheet
Signal
Type
Name/Description
JTAG_TCK
I
JTAG Clock. This is an input test clock used to clock the shifting of data into or out of
the boundary scan logic or JTAG Controller. JTAG_TCK is independent of the system
clock with a nominal 50% duty cycle.
JTAG_TDI
I
JTAG Data Input. This is the serial data input to the boundary scan logic or JTAG
Controller.
JTAG_TDO
O
JTAG Data Output. This is the serial data shifted out from the boundary scan logic or
JTAG Controller. When no data is being shifted out, this signal is tri-stated.
JTAG_TMS
I
JTAG Mode. The value on this signal controls the test mode select of the boundary
scan logic or JTAG Controller.
JTAG_TRST_N
I
JTAG Reset. This active low signal asynchronously resets the boundary scan logic
and JTAG TAP Controller. An external pull-up on the board is recommended to meet
the JTAG specification in cases where the tester can access this signal. However, for
systems running in functional mode, one of the following should occur:
1) actively drive this signal low with control logic
2) statically drive this signal low with an external pull-down on the board
Table 6 Test Pins
Signal
Type
Name/Description
VDDCORE
I
Core VDD. Power supply for core logic.
VDDIO
I
I/O VDD. LVTTL I/O buffer power supply.
VDDPE
I
PCI Express Digital Power. PCI Express digital power used by the digital power of
the SerDes.
VDDAPE
I
PCI Express Analog Power. PCI Express analog power used by the PLL and bias
generator.
VSS
I
Ground.
VTTPE
I
PCI Express Serial Data Transmit Termination Voltage. This pin allows the driver
termination voltage to be set, enabling the system designer to control the Common
Mode Voltage and output voltage swing of the corresponding PCI Serial Data Transmit
differential pair.
Table 7 Power and Ground Pins


Similar Part No. - 89HPES48T12ZABR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES48T12ZABR RENESAS-89HPES48T12ZABR Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12ZABRI RENESAS-89HPES48T12ZABRI Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
More results

Similar Description - 89HPES48T12ZABR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89PES12N3 IDT-89PES12N3 Datasheet
54Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
   12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES24T6 IDT-89HPES24T6 Datasheet
56Kb / 2P
   24-Lane 6-Port PCI Express짰 Switch
89HPES24N3A IDT-89HPES24N3A Datasheet
55Kb / 2P
   24-Lane 3-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89PES5T5 RENESAS-89PES5T5 Datasheet
385Kb / 29P
   5-Lane 5-Port PCI Express짰 Switch
June 18, 2014
logo
Integrated Device Techn...
89HPES16T7 IDT-89HPES16T7 Datasheet
59Kb / 2P
   16-Lane 7-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
logo
Integrated Device Techn...
89HPES48H12 IDT-89HPES48H12 Datasheet
1Mb / 48P
   48-Lane 12-Port PCI Express System Interconnect Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
   8-Lane 2-Port Non-Transparent PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com