Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8535AGI-31LFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8535AGI-31LFT
Description  LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8535AGI-31LFT Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8535AGI-31LFT Datasheet HTML 1Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 2Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 3Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 4Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 5Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 6Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 7Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 8Page - Integrated Device Technology ICS8535AGI-31LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ICS8535I-31
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
5
ICS8535AGI-31 REV. A AUGUST 16, 2007
Table 4C. LVPECL DC Characteristics, VCC = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
CC – 2V
Table 5. Crystal Characteristics
AC Electrical Characteristics
Table 6. AC Characteristics, VCC = 3.3V ± 5%, TA = 0°C to 70°C
All parameters measured at ƒ
≤ 266MHz unless noted otherwise.
NOTE 1: Measured from VCC/2 of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the differential output crossing point.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
12
40
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Drive Level
1mW
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
266
MHz
tPD
Propagation Delay; NOTE 1
1.4
1.75
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
155.52MHz, Integration Range:
12kHz – 20MHz
0.057
ps
tsk(o)
Output Skew; NOTE 2, 3
30
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
200
ps
tR / tF
Output Rise/Fall Time
20% to 80%
300
600
ps
odc
Output Duty Cycle
46
54
%


Similar Part No. - ICS8535AGI-31LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535AG-01 ICST-ICS8535AG-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-01T ICST-ICS8535AG-01T Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-11 ICST-ICS8535AG-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-11T ICST-ICS8535AG-11T Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-21 ICST-ICS8535AG-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8535AGI-31LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
   Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
   Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
logo
Integrated Device Techn...
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
   LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
   Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com