Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG108 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9FG108
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG108 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9FG108 Datasheet HTML 1Page - Integrated Device Technology ICS9FG108 Datasheet HTML 2Page - Integrated Device Technology ICS9FG108 Datasheet HTML 3Page - Integrated Device Technology ICS9FG108 Datasheet HTML 4Page - Integrated Device Technology ICS9FG108 Datasheet HTML 5Page - Integrated Device Technology ICS9FG108 Datasheet HTML 6Page - Integrated Device Technology ICS9FG108 Datasheet HTML 7Page - Integrated Device Technology ICS9FG108 Datasheet HTML 8Page - Integrated Device Technology ICS9FG108 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108
REV G 04/06/07
ICS9FG108
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
**FS2
IN
Frequency select pin.
7
**OE_7
IN
Active high input for enabling output 7.
0 = tri-state outputs, 1= enable outputs
8
DIF_7
OUT
0.7V differential true clock output
9
DIF_7#
OUT
0.7V differential complement clock output
10
VDD
PWR
Power supply, nominal 3.3V
11
DIF_6
OUT
0.7V differential true clock output
12
DIF_6#
OUT
0.7V differential complement clock output
13
*OE_6
IN
Active high input for enabling output 6.
0 = tri-state outputs, 1= enable outputs
14
VDD
PWR
Power supply, nominal 3.3V
15
GND
PWR
Ground pin.
16
*OE_5
IN
Active high input for enabling output 5.
0 = tri-state outputs, 1= enable outputs
17
DIF_5
OUT
0.7V differential true clock output
18
DIF_5#
OUT
0.7V differential complement clock output
19
VDD
PWR
Power supply, nominal 3.3V
20
DIF_4
OUT
0.7V differential true clock output
21
DIF_4#
OUT
0.7V differential complement clock output
22
**OE_4
IN
Active high input for enabling output 4.
0 = tri-state outputs, 1= enable outputs
23
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
24
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
Note:
Pin names followed by '**' have 120 Kohm pull DOWN resistors
Pin names followed by '*' have 120 Kohm pull UP resistors


Similar Part No. - ICS9FG108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
logo
Integrated Circuit Syst...
ICS9FG108YFLF-T ICST-ICS9FG108YFLF-T Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS9FG108YG-LFT ICST-ICS9FG108YG-LFT Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG108

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com