Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRZ2010R000 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # LRZ2010R000
Description  High Current Jumper Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRZ2010R000 Datasheet(HTML) 3 Page - Welwyn Components Limited

  LRZ2010R000 Datasheet HTML 1Page - Welwyn Components Limited LRZ2010R000 Datasheet HTML 2Page - Welwyn Components Limited LRZ2010R000 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Current Jumper Chip
LRZ Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 02.05
Packaging
LRZ jumper chips are supplied taped and reeled as per IEC 286-3.
2.5 ± 0.5
13 ± 0.5
33 ± 1.0
Marking
0.8 ± 0.15
Wr
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
Tape and Reel Dimensions (mm)
Qty.
Wr
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
per
±0.5
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05 Nom. ±0.15 reel
0805
9
8
4
4
2
1.5
1
1.75
3.5
1.45
2.3
1.0
0.2
0.05
1.3
1206
9
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
3000
2010
13
12
8
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21 3000
2512
13
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45 1800
Type
LRZ
1206
R000
LRZ - Zero Ohm Jumper
Size
1206; 2010; 2512
Resistance Code
Value R000 only
Ordering Procedure
Specify type reference etc. as shown in this example of LRZ1206:
Welwyn Components
Welwyn Components
LRZ_B.qxd
2/16/05
3:49 PM
Page 3


Similar Part No. - LRZ2010R000

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRZ TTELEC-LRZ Datasheet
474Kb / 3P
   thick film copper technology
logo
Siemens Semiconductor G...
LRZ180-CO SIEMENS-LRZ180-CO Datasheet
401Kb / 7P
   Array LED 2 mm LED, Diffused
LRZ181-CO SIEMENS-LRZ181-CO Datasheet
401Kb / 7P
   Array LED 2 mm LED, Diffused
LRZ182-CO SIEMENS-LRZ182-CO Datasheet
401Kb / 7P
   Array LED 2 mm LED, Diffused
LRZ183-CO SIEMENS-LRZ183-CO Datasheet
401Kb / 7P
   Array LED 2 mm LED, Diffused
More results

Similar Description - LRZ2010R000

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCJ SEI-HCJ Datasheet
482Kb / 6P
   Surface Mount High Current Jumper Chip Resistor
6/29/2021
logo
Allied Components Inter...
LRC27HC ALLIED-LRC27HC Datasheet
1Mb / 1P
   High Current Chip Inductors
logo
Central Semiconductor C...
CPD89V CENTRAL-CPD89V Datasheet
458Kb / 2P
   High Current Diode Chip
CPD93V CENTRAL-CPD93V Datasheet
407Kb / 2P
   High Current Switching Diode Chip
logo
Allied Components Inter...
PCHC25-R56M-RC ALLIED-PCHC25-R56M-RC Datasheet
282Kb / 1P
   Power Chip High Current Inductors
logo
Central Semiconductor C...
CP314V CENTRAL-CP314V Datasheet
463Kb / 2P
   NPN - High Current Transistor Chip
logo
Allied Components Inter...
MCHC40 ALLIED-MCHC40 Datasheet
408Kb / 1P
   Molded Chip Inductor High Current
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
logo
Allied Components Inter...
MCHC40-1R0K-RC ALLIED-MCHC40-1R0K-RC Datasheet
408Kb / 1P
   Molded Chip Inductor High Current
PCHC60 ALLIED-PCHC60 Datasheet
607Kb / 1P
   Power Chip High Current Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com