Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC70 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # GC70
Description  High Value Thick Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

GC70 Datasheet(HTML) 1 Page - Welwyn Components Limited

  GC70 Datasheet HTML 1Page - Welwyn Components Limited GC70 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Value Thick Film
Resistors
GC Series
High working voltage to 10kV
Value up to 1G ohm
Custom product available
High stability thick film
GC55
GC65
GC70
Power rating at 70°C
watts
0.25
0.5
1.0
Resistance range
ohms
47k to 900 meg
47k to 900 meg
47k to 1G
Limiting element voltage
Volts dc or ac Peak
1700
3500
10000
Isolation voltage
volts
700
TCR (20°C to 70°C)
ppm/°C
100
Resistance tolerance
%
1, 2, 5
Values
E24 & E96 preferred
Thermal impedance
°C/watt
140
90
70
Ambient temperature range
°C
- 55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
199
Construction
Thick film material is fired on to high grade ceramic rods.
Nickel plated steel caps are force fitted and the termination
wires are welded to the caps. The value is obtained by a
helical cut in the film and finally the resistor body is given a
high temperature protective coating.
Terminations
Material
Solder coated copper wire.
Strength
The terminations satisfy the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Marking
1% tolerance resistors are colour coded with 5 bands, 2%
and 5% tolerance have 4, IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuit boards.
Dimensions (mm) and Weight (g)
PCB
Min
mounting
bend
Wt
Type
L max.
D max.
f min.
d nom.
centres
radius
nom.
GC55
6.2
2.5
21.0
0.6
10.2
0.6
0.3
GC65
9.0
3.6
19.6
0.8
13.7
1.2
0.6
GC70
14.5
5.3
23.6
0.8
20.3
1.2
1.1
Physical Data
L
D
f
d


Similar Part No. - GC70

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GC70 TTELEC-GC70 Datasheet
360Kb / 2P
   High Value Thick Film Resistors
logo
Green Power Solutions s...
GC7005F GPSEMI-GC7005F Datasheet
180Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC7005R GPSEMI-GC7005R Datasheet
289Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC7008F GPSEMI-GC7008F Datasheet
180Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC7008R GPSEMI-GC7008R Datasheet
289Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
More results

Similar Description - GC70

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
   High Value Thick Film Resistors
logo
Vishay Siliconix
D10LRCRCW0402 VISHAY-D10LRCRCW0402 Datasheet
107Kb / 4P
   Thick Film, Rectangular, Low Value Resistors
logo
Bi technologies
BHV BITECH-BHV Datasheet
205Kb / 3P
   High Voltage/High Value Thick Film SIP Epoxy Coated Resistors
logo
IRC - a TT electronics ...
GC652M5FA IRCTT-GC652M5FA Datasheet
194Kb / 2P
   High Value Thick Film Resistor
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
   Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com