Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS42418-CQZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS42418-CQZ
Description  110 dB, 192 kHz 8-Ch Codec with PLL
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418-CQZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS42418-CQZ Datasheet HTML 7Page - Cirrus Logic CS42418-CQZ Datasheet HTML 8Page - Cirrus Logic CS42418-CQZ Datasheet HTML 9Page - Cirrus Logic CS42418-CQZ Datasheet HTML 10Page - Cirrus Logic CS42418-CQZ Datasheet HTML 11Page - Cirrus Logic CS42418-CQZ Datasheet HTML 12Page - Cirrus Logic CS42418-CQZ Datasheet HTML 13Page - Cirrus Logic CS42418-CQZ Datasheet HTML 14Page - Cirrus Logic CS42418-CQZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
DS603F1
11
CS42418
SWITCHING CHARACTERISTICS
(For CQZ, TA = -10 to +70° C; For DQZ, TA = -40 to +85° C;
VA = 5 V, VD =VLC= 3.3 V, VLS = 1.8 V to 5.25 V; Inputs: Logic 0 = DGND, Logic 1 = VLS, CL = 30 pF)
Notes:
12. After powering-up the CS42418, RST should be held low after the power supplies and clocks are set-
tled.
13. See Table 1 on page 24 for suggested OMCK frequencies
14. Limit the loading on RMCK to 1 CMOS load if operating above 24.576 MHz.
15. Not valid when RMCK_DIV in “Clock Control (address 06h)” on page 48 is set to Multiply by 2.
16. 76.5 ns for Single-Speed and Double-Speed modes, 23 ns for Quad-Speed Mode.
Parameters
Symbol
Min
Typ
Max
Units
RST Pin Low Pulse Width
(Note 12)
1-
-
ms
PLL Clock Recovery Sample Rate Range
30
-
200
kHz
RMCK Output Jitter
(Note 14)
-
200
-
ps RMS
RMCK Output Duty Cycle
(Note 15)
45
50
55
%
OMCK Frequency
(Note 13)
1.024
-
25.600
MHz
OMCK Duty Cycle
(Note 13)
40
50
60
%
DAC_SCLK, ADC_SCLK Duty Cycle
45
50
55
%
DAC_LRCK, ADC_LRCK Duty Cycle
45
50
55
%
Master Mode
RMCK to DAC_SCLK, ADC_SCLK active edge delay
tsmd
0-
15
ns
RMCK to DAC_LRCK, ADC_LRCK delay
tlmd
0-
15
ns
Slave Mode
DAC_SCLK, ADC_SCLK Falling Edge to ADC_SDOUT,
ADC_SDOUT Output Valid
tdpd
-
(Note 16)
ns
DAC_LRCK, ADC_LRCK Edge to MSB Valid
tlrpd
-26.5
ns
DAC_SDIN Setup Time Before DAC_SCLK Rising Edge
tds
10
-
-
ns
DAC_SDIN Hold Time After DAC_SCLK Rising Edge
tdh
30
-
-
ns
DAC_SCLK, ADC_SCLK High Time
tsckh
20
-
-
ns
DAC_SCLK, ADC_SCLK Low Time
tsckl
20
-
-
ns
DAC_SCLK, ADC_SCLK falling to DAC_LRCK, SAI_LRCK
Edge
tlrck
-25
-
+25
ns
DAC_SCLK
ADC_SCLK
(output)
RM CK
t
sm d
t
lm d
DAC_LRCK
ADC_LRCK
(output)
sckh
sckl
t
t
MSB
MSB-1
tdpd
ADC_SDOUT
DAC_SDINx
dh
t
ds
t
lrpd
t
lrcks
t
lrckd
t
DAC_SCLK
ADC_SCLK
(input)
DAC_LRCK
ADC_LRCK
(input)
Figure 1. Serial Audio Port Master Mode Timing
Figure 2. Serial Audio Port Slave Mode Timing


Similar Part No. - CS42418-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42418-CQZ CIRRUS-CS42418-CQZ Datasheet
1Mb / 67P
   110 dB, 192kHz 8-Ch CODEC WITH PLL
More results

Similar Description - CS42418-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418 Datasheet
1Mb / 67P
   110 dB, 192kHz 8-Ch CODEC WITH PLL
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com