Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG150J7KS61 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MG150J7KS61
Description  High Power Switching Applications Motor Control Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MG150J7KS61 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MG150J7KS61 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MG150J7KS61 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MG150J7KS61 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MG150J7KS61 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MG150J7KS61
Maximum Ratings (Ta = 25°C)
Stage
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
±20
V
DC
IC
150
Collector current
1 ms
ICP
300
A
DC
IF
150
Forward current
1 ms
IFM
300
A
Inverter
Collector power dissipation (Tc
= 25°C)
PC
750
W
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
±20
V
DC
IC
75
Collector current
1 ms
ICP
150
A
Collector power dissipation (Tc
= 25°C)
PC
375
W
Reverse voltage
VR
600
V
DC
IF
75
Brake
Forward current
1 ms
IFM
150
A
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−40~125
°C
Isolation voltage
Visol
2500 (AC 1 min)
V
Terminal
2 (M4)
Module
Screw torque
Mounting
3 (M5)
N・m
Electrical Characteristics (Tj = 25°C)
1.
Inverter stage
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGES
VGE = ±20 V, VCE = 0
±500
nA
Collector cut-off current
ICES
VCE = 600 V, VGE = 0
1.0
mA
Gate-emitter cut-off voltage
VGE (off)
VCE = 5 V, IC = 150 mA
5.0
6.5
8.0
V
Tj = 25°C
1.8
2.3
Collector-emitter saturation voltage
VCE (sat)
VGE = 15 V,
IC = 150 A
Tj = 125°C
2.5
V
Input capacitance
Cies
VCE = 10 V, VGE = 0, f = 1 MHz
30000
pF
Turn-on delay time
td (on)
1.00
Turn-off time
toff
1.20
Switching time
Fall time
tf
0.50
Reverse recovery time
trr
VCC = 300 V, IC = 150 A
VGE = ±15 V, RG = 15 Ω
(Note 1)
0.30
µs
Forward voltage
VF
IF = 150 A
2.4
2.8
V
Note 1: Switching time test circuit & timing chart
2005-04-01
3


Similar Part No. - MG150J7KS61

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
More results

Similar Description - MG150J7KS61

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com