Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-10KSXA-009ZA Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # MF-10KSXA-009ZA
Description  10Gbps 1550nm XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-10KSXA-009ZA Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button MF-10KSXA-009ZA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF-10KSXA-009ZA Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MITSUBISHI OPTICAL DEVICES
MF-10KSXA-008ZA/009ZA
10Gbps 1550nm XFP Optical Transceiver
Changes for the Better
UQ9-07-006 (9/16)
Mitsubishi Electric Corp.
Datasheet
5.4 Low Speed Electrical Interface
XFP Module low speed electrical interface specification is shown in Table 5.4.1.
Table 5.4.1 Low Speed Electrical Interface
Tc : -5 to +70degC
Parameter
Symbol
Min.
Max.
Unit
Note
VIH
2.0
VDD3+0.3
V
VDD3 as same as Pull-up Vcc
LVTTL-I
(Tx_Dis, P_Down/RST)
VIL
-0.3
0.8
V
VOH
VDD3-0.5
VDD3+0.3
V
VDD3 as same as Pull-up Vcc
LVTTL-O
(Interrupt, Mod_Nr,
Rx_Los)
VOL
0.0
0.4
V
VIH
VDD3*0.7
VDD3+0.5
V
VDD3 as same as Pull-up Vcc
LVTTL-I
(SCL, SDA)
VIL
-0.3
VDD3*0.3
V
VDD3 as same as Pull-up Vcc
VOH
VDD3-0.5
VDD3+0.3
V
VDD3 as same as Pull-up Vcc
LVTTL-O
(SCL, SDA)
VOL
0.0
0.4
V
Leakage Current
Il
-10
10
uA
Capacitance for XFP SCL
and SDA I/O Pin
Ci
14
pF
100
pF
At 400kHz, 3.0kohm Rp, max
At 100kHz, 8.0kohm Rp, max
Total bus capacitance load
for SCL and for SDA
Cb
400
pF
At 400kHz, 0.80kohm Rp, max
At 100kHz, 2.0kohm Rp, max
Fig. 5.4.1 An Example Open Drain Type Connection for I2C
SDA or SCL line
XFP
Host
Host_Vcc
Rp


Similar Part No. - MF-10KSXA-009ZA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-004ZA MITSUBISHI-MF-10KSXA-004ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-005ZA MITSUBISHI-MF-10KSXA-005ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-006ZA MITSUBISHI-MF-10KSXA-006ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
More results

Similar Description - MF-10KSXA-009ZA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Source Photonics, Inc.
FTM-53X0C-X40G SOURCE-FTM-53X0C-X40G Datasheet
286Kb / 11P
   10G 1550nm XFP Transceiver
FTM-33X0C-X10G SOURCE-FTM-33X0C-X10G Datasheet
284Kb / 11P
   10Gbps 1310nm XFP Transceiver
logo
Optoway Technology Inc
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com