Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-10KSXA-008ZA Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MF-10KSXA-008ZA
Description  10Gbps 1550nm XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-10KSXA-008ZA Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF-10KSXA-008ZA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-10KSXA-008ZA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MITSUBISHI OPTICAL DEVICES
MF-10KSXA-008ZA/009ZA
10Gbps 1550nm XFP Optical Transceiver
Changes for the Better
UQ9-07-006 (2/16)
Mitsubishi Electric Corp.
Datasheet
1. Description
This XFP optical transceiver is designed to provide high optical performance for S-64.2b (40km), and G.959.1
P1L1-2D2 (80km).
Transmitter side uses 1550nm EM Laser with specified driving circuit and signal conditioning circuit.
Receiver side uses PD/APD preamp-module and integrated circuits for re-shaping, re-timing and re-generating
input optical signal.
Input and output signals handle NRZ format.
Digital diagnostic functions are also available via 2-wire interface according to the XFP MSA specification.
2. Block Diagram
2.1 Total Block Diagram
DFBLD
ROSA
PD/APD
Driver
APC
Signal
Conditioner
Post
Amp
Signal
Conditioner
Micro
Controller
Monitor
XFP Transceiver
ASIC/SerDes
System side
Reference Clock
TD+/-
2
2
RD+/-
RefCLK+/-
2
2
SCL/SDA
Control
Signals
Control
Signals
Opt. Out
Opt. In
Control
Monitor/Alarm
Fig. 2.1 Block Diagram


Similar Part No. - MF-10KSXA-008ZA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-004ZA MITSUBISHI-MF-10KSXA-004ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-005ZA MITSUBISHI-MF-10KSXA-005ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-006ZA MITSUBISHI-MF-10KSXA-006ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
More results

Similar Description - MF-10KSXA-008ZA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Source Photonics, Inc.
FTM-53X0C-X40G SOURCE-FTM-53X0C-X40G Datasheet
286Kb / 11P
   10G 1550nm XFP Transceiver
FTM-33X0C-X10G SOURCE-FTM-33X0C-X10G Datasheet
284Kb / 11P
   10Gbps 1310nm XFP Transceiver
logo
Optoway Technology Inc
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com