Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-10KSXA-007ZA Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MF-10KSXA-007ZA
Description  10Gbps 1310nm XFP Optical Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-10KSXA-007ZA Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MF-10KSXA-007ZA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-10KSXA-007ZA Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MITSUBISHI OPTICAL DEVICES
MF-10KSXA-007ZA
10Gbps 1310nm XFP Optical Transceiver
Changes for the Better
UQ9-07-005(XF-10K) (6/15)
Mitsubishi Electric Corp.
Datasheet
5. Electrical Characteristics
All parameters are specified over the operating case temperature.
5.1 Power Supply
Table 5.1.1
Power Supply
Tc : -5 to +70degC
Parameters
Min.
Typ.
Max.
Unit
SupplyVoltage
VDD3
+3.13
+3.3
+3.47
V
SupplyCurrent
Idd3
-
-
700
mA
Power Consumption
W
-
-
2.5
W
5.2 Host Filtering and Supply Voltage Measurement Points
The example host board power supply filtering and Supply voltage measurement points are shown in Fig 5.2.1.
Host board power supply must meet XFP MSA specification.
Fig. 5.2.1
Example of Host Board Supply Filtering Network and Supply Voltage measurement points
0.1uF
22uF
0.1uF
4.7
µH
0.1uF
22uF
0.1uF
4.7
µH
0.1uF
22uF
0.1uF
4.7
µH
XFP Module
VDD5
VDD3
VDD2
Host +5V
Host +3.3V
Host +1.8V
0.1uF
22uF
0.1uF
4.7
µH
Host –5.2V
VEE5
Measurement points


Similar Part No. - MF-10KSXA-007ZA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-004ZA MITSUBISHI-MF-10KSXA-004ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-005ZA MITSUBISHI-MF-10KSXA-005ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-006ZA MITSUBISHI-MF-10KSXA-006ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-008ZA MITSUBISHI-MF-10KSXA-008ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
MF-10KSXA-009ZA MITSUBISHI-MF-10KSXA-009ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
More results

Similar Description - MF-10KSXA-007ZA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-33X0C-X10G SOURCE-FTM-33X0C-X10G Datasheet
284Kb / 11P
   10Gbps 1310nm XFP Transceiver
logo
Mitsubishi Electric Sem...
MF-10KSXA-008ZA MITSUBISHI-MF-10KSXA-008ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Source Photonics, Inc.
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
logo
Optoway Technology Inc
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
logo
Level One
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com