Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M81705FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M81705FP
Description  HIGH VOLTAGE HIGH SIDE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M81705FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M81705FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M81705FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Mar. 2003
MITSUBISHI SEMICONDUCTORS <HVIC>
M81705FP
HIGH VOLTAGE HIGH SIDE DRIVER
VOH vs. Voltage
VBS (V)
12
0
5
10
20
15
25
15
18
21
24
VOL vs. Voltage
VBS (V)
12
0
2
6
10
8
16
4
12
14
15
18
21
24
ICC vs. Temperature
Ta (
°C)
–20
0.0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
020
60
40
80
100
IBS vs. Temperature
Ta (
°C)
–20
0.0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
020
60
40
80
100
IFS vs. Temperature
Ta (
°C)
–20
0
10
20
40
30
50
20
60
0
40
80
100
IO = 0mA
IO = 150mA
IO = 0mA
IO = 20mA
IO = –20mA
IO = –75mA
VB = VS = 600V
VBSuvr vs. Temperature
Ta (
°C)
–20
10.0
10.5
11.0
12.0
11.5
12.5
20
60
040
80
100


Similar Part No. - M81705FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81701FP MITSUBISHI-M81701FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
Powerex Power Semicondu...
M81706AFP POWEREX-M81706AFP Datasheet
222Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
More results

Similar Description - M81705FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9857 STMICROELECTRONICS-L9857 Datasheet
124Kb / 11P
   High voltage high-side driver
L9856-TR STMICROELECTRONICS-L9856-TR Datasheet
172Kb / 14P
   High voltage high-side driver
L9856 STMICROELECTRONICS-L9856 Datasheet
150Kb / 14P
   High voltage high-side driver
logo
Mitsubishi Electric Sem...
M81725FP MITSUBISHI-M81725FP Datasheet
70Kb / 6P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
   High-voltage high/low-side driver
logo
Intersil Corporation
ISL6801 INTERSIL-ISL6801 Datasheet
96Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
Renesas Technology Corp
ISL6801 RENESAS-ISL6801 Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com